Electronic Components Datasheet Search
  English  ▼

X  

535 Datasheet(PDF) 28 Page - Intel Corporation

Part # 535
Description  Intel짰 Solid-State Drive 535 Series (2.5-inch)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

535 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 535 Datasheet HTML 23Page - Intel Corporation 535 Datasheet HTML 24Page - Intel Corporation 535 Datasheet HTML 25Page - Intel Corporation 535 Datasheet HTML 26Page - Intel Corporation 535 Datasheet HTML 27Page - Intel Corporation 535 Datasheet HTML 28Page - Intel Corporation 535 Datasheet HTML 29Page - Intel Corporation 535 Datasheet HTML 30Page - Intel Corporation 535 Datasheet HTML 31Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Intel® Solid-State Drive 535 Series (2.5-inch)
Product Specification
September 2015
28
332062-003US
Word
F = Fixed
V = Variable
X = Both
Default Value
Description
60-61
F
varies
Total number of user-addressable sectors
62
X
0h
Obsolete
63
F
0007h
Multi-word DMA modes supported/selected
64
F
0003h
PIO modes supported
65
F
0078h
Minimum multiword DMA transfer cycle time per word
66
F
0078h
Manufacturer’s recommended multiword DMA transfer cycle time
67
F
0078h
Minimum PIO transfer cycle time without flow control
68
F
0078h
Minimum PIO transfer cycle time with IORDY flow control
69
F
4010h
Additional Supported
70
F
0h
Reserved
71-74
F
0h
Reserved for IDENTIFY PACKET DEVICE command
75
F
001Fh
Queue depth
76
F
070Eh
Serial ATA capabilities
77
F
0086h
Reserved for future Serial ATA definition
78
F
014Ch
Serial ATA features supported
79
V
0044h
Serial ATA features enabled
80
F
07FCh
Major version number
81
F
FFFFh
Minor version number
82
F
746Bh
Command set supported
83
F
7429h
Command sets supported
84
F
6163h
Command set/feature supported extension
85
V
7469h
Command set/feature enabled
86
V
B409h
Command set/feature enabled
87
V
6163h
Command set/feature default
88
V
407Fh
Ultra DMA Modes
89
F
0002h
Time required for security erase unit completion
90
F
0001h
Time required for enhanced security erase completion
91
V
00FEh
Current advanced power management value
92
V
FFFEh
Master Password Revision Code
93
F
0h
Hardware reset result: the contents of bits (12:0) of this word shall
change only during the execution of a hardware reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com