Electronic Components Datasheet Search
  English  ▼

X  

TDA7437N Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7437N
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7437N Datasheet HTML 3Page - STMicroelectronics TDA7437N Datasheet HTML 4Page - STMicroelectronics TDA7437N Datasheet HTML 5Page - STMicroelectronics TDA7437N Datasheet HTML 6Page - STMicroelectronics TDA7437N Datasheet HTML 7Page - STMicroelectronics TDA7437N Datasheet HTML 8Page - STMicroelectronics TDA7437N Datasheet HTML 9Page - STMicroelectronics TDA7437N Datasheet HTML 10Page - STMicroelectronics TDA7437N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
TDA7437N
I2C BUS INTERFACE
Data transmission from microprocessor to the TDA7437N and viceversa takes place thru the 2 wires I2C BUS
interface, consisting of the two lines SDA and SCL (pull-up resistors to positive supply voltage must be exter-
nally connected).
Data Validity
As shown in fig. 1, the data on the SDA line must be stable during the high period of the clock. The HIGH and
LOW state of the data line can only change when the clock signal on the SCL line is LOW.
Start and Stop Conditions
As shown in fig. 2 a start condition is a HIGH to LOW transition of the SDA line while SCL is HIGH. The stop
condition is a LOW to HIGH transition of the SDA line while SCL is HIGH.A STOP conditions must be sent before
each START condition.
Byte Format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an acknowledge bit.
The MSB is transferred first.
Acknowledge
The master (
µP) puts a resistive HIGH level on the SDA line during the acknowledge clock pulse (see fig. 3).
The peripheral (audioprocessor) that acknowledges has to pull-down (LOW) the SDA line during the acknowl-
edge clock pulse, so that the SDA line is stable LOW during this clock pulse.The audioprocessor which has been
addressed has to generate an acknowledge after the reception of each byte, otherwise the SDA line remains at
the HIGH level during the ninth clock pulse time. In this case the master transmitter can generate the STOP
information in order to abort the transfer.
Transmission without Acknowledge
Avoiding to detect the acknowledge of the audioprocessor, the
µP can use a simplier transmission: simply it
waits one clock without checking the slave acknowledging, and sends the new data.This approach of course is
less protected from misworking and decreases the noise immunity.
Figure 1. Data Validity on the I2CBUS
Figure 2. Timing Diagram of I2CBUS
Figure 3. Acknowledge on the I2CBUS
SDA
SCL
DATA LINE
STABLE, DATA
VALID
CHANGE
DATA
ALLOWED
D99AU1031
SCL
SDA
START
I2CBUS
STOP
D99AU1032
SCL
1
MSB
23789
SDA
START
ACKNOWLEDGMENT
FROM RECEIVER
D99AU1033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com