Electronic Components Datasheet Search
  English  ▼

X  

TDA7437N Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7437N
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7437N Datasheet HTML 1Page - STMicroelectronics TDA7437N Datasheet HTML 2Page - STMicroelectronics TDA7437N Datasheet HTML 3Page - STMicroelectronics TDA7437N Datasheet HTML 4Page - STMicroelectronics TDA7437N Datasheet HTML 5Page - STMicroelectronics TDA7437N Datasheet HTML 6Page - STMicroelectronics TDA7437N Datasheet HTML 7Page - STMicroelectronics TDA7437N Datasheet HTML 8Page - STMicroelectronics TDA7437N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TDA7437N
4/23
ELECTRICAL CHARACTERISTICS
(AVDD, DVDD = 9V; RL = 10KΩ; Rg = 50Ω; Tamb = 25°C; all gains = 0dB; f = 1KHz. Refer to the test circuit,
unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INPUT SELECTOR (MONO AND STEREO INPUTS)
RI
Input Resistance
pin 7 to 11 and 15 to 18
70
100
130
K
Ω
VCL
Clipping Level
d
≤ 0.3%
2.1
2.6
VRMS
SI
Input Separation
80
95
dB
RL
Output Load Resistance
2
K
Ω
GI MIN
Minimum Input Gain
-0.75
0
+0.75
dB
GI MAX
Maximum Input Gain
14
15
16
dB
Gstep
Step Resolution
0.5
1.0
1.5
dB
Ea
Set Error
-1.0
0
1.0
dB
VDC
DC Steps
Adiacent Gain Steps
0.5
10
mV
GIMIN to GIMAX
3mV
DIFFERENTIAL INPUT (Pin 5, 6, 13, 14)
RI
Input Resistance
Input selector BIT D4 = 0 (0dB)
10
15
20
K
Ω
Input selector BIT D4 = 1(-6dB)
14
20
26
K
Ω
CMRR
Common Mode Rejection Ratio
VCM = 1VRMS ; f = 1KHz
45
70
dB
d
Distortion
VI = 1VRMS
0.01
0.08
%
eIN
Input Noise
20Hz to 20KHz; Flat; D6 = 0
5
µV
GDIFF
Differential Gain
D4 = 0
-1
0
1
dB
D4 = 1
-7-6-5
dB
VOLUME CONTROL
RI
Input Resistance
Pin 2 and 20
31
44
57
K
Ω
GMAX
Maximum Gain
15
16
17
dB
AMAX
Maximum Attenuation
61
63.75
66.5
dB
ASTEPC
Step Resolution Coarse Atten.
0.5
1.0
1.5
dB
EA
Attenuation Set Error
G = 16 to -20dB
-1.0
0
1.0
dB
G = -20 to -63dB
-2.75
2.75
dB
Et
Tracking Error
2dB
VDC
DC Steps
Adjacent Gain Steps
-5
+5
mV
Adjacent Attenuation Steps
-3
+3
mV
From 0dB to AMAX
0.5
5
mV
LOUDNESS CONTROL (Pin 4, 12)
RI
Internal Resistor
Loud = On
35
50
65
K
Ω
AMAX
Maximum Attenuation
19
20
21
dB
Astep
Step Resolution
0.5
1
1.5
dB
ZERO CROSSING MUTE
VTH
Zero Crossing Threshold(note 1)
WIN = 11
35
mV
WIN = 10
70
mV
WIN = 01
140
mV
WIN = 00
280
mV
AMUTE
Mute Attenuation
80
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com