Electronic Components Datasheet Search
  English  ▼

X  

TDA7437N Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7437N
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7437N Datasheet HTML 1Page - STMicroelectronics TDA7437N Datasheet HTML 2Page - STMicroelectronics TDA7437N Datasheet HTML 3Page - STMicroelectronics TDA7437N Datasheet HTML 4Page - STMicroelectronics TDA7437N Datasheet HTML 5Page - STMicroelectronics TDA7437N Datasheet HTML 6Page - STMicroelectronics TDA7437N Datasheet HTML 7Page - STMicroelectronics TDA7437N Datasheet HTML 8Page - STMicroelectronics TDA7437N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
TDA7437N
October 2003
s
INPUT MULTIPLEXER
– FOUR STEREO, ONE MONO INPUT, AND
ONE DIFFERENTIAL INPUT
– SELECTABLE INPUT GAIN FOR OPTIMAL
ADAPTATION TO DIFFERENT SOURCES
s
FULLY PROGRAMMABLE LOUDNESS
FUNCTION
s
VOLUME CONTROL IN 1dB STEPS
INCLUDING GAIN UP TO 16dB
s
ZERO CROSSING MUTE, SOFT MUTE AND
DIRECT MUTE
s
BASS AND TREBLE CONTROL
s
FOUR SPEAKER ATTENUATORS- FOUR
INDEPENDENT SPEAKERS CONTROL IN
1dB STEPS FOR BALANCE AND FADER
FACILITIES
s
PAUSE DETECTOR PROGRAMMABLE
THRESHOLD
s
ALL FUNCTIONS PROGRAMMABLE VIA
SERIAL I2C BUS
DESCRIPTION
The audioprocessor TDA7437N is an upgrade of the
TDA731X audioprocessor family.
Due to a highly linear signal processing, using
CMOS-switching techniques instead of standard bi-
polar multipliers, very low distortion and very low
noise are obtained. Several new features like soft-
mute, and zero-crossing mute are implemented.The
soft Mute function can be activated in two ways:
1 Via serial bus (Mute byte, bit D0)
2 Directly on pin 28 through an I/O line of the
microcontroller
Very low DC stepping is obtained by use of a BIC-
MOS technology.
TQFP44
ORDERING NUMBER: TDA7437N
DIGITALLY CONTROLLED AUDIO PROCESSOR
PIN DESCRIPTION (Top view)
1
2
3
5
6
4
7
8
9
10
17
11
18 19 20 21 22
44 43 42 41
39
40
38 37 36 35 34
28
27
26
24
23
25
33
32
31
29
30
DIFF_R
DIFFGND_R
LOUD_R
IN_R
TREB_R
MUXOUT_R
MONO
STEREO3_R
STEREO2_R
STEREO4_R
STEREO1_R
SMEXT
BASS_RO
BASS_RI
BASS_LI
MID_RO
BASS_LO
OUT_RF
OUT_LR
MID_LI
OUT_RR
MID_LO
D96AU435B
12 13 14 15 16


Similar Part No. - TDA7437N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7437N STMICROELECTRONICS-TDA7437N Datasheet
353Kb / 34P
Digitally controlled audio processor
Dec-2006
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
Digitally controlled audio processor
Dec-2006
More results

Similar Description - TDA7437N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7343 STMICROELECTRONICS-TDA7343 Datasheet
100Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7348 STMICROELECTRONICS-TDA7348 Datasheet
193Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1994
TDA7437 STMICROELECTRONICS-TDA7437 Datasheet
181Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Dec-1999
TDA7438 STMICROELECTRONICS-TDA7438 Datasheet
150Kb / 17P
THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
TDA7342 STMICROELECTRONICS-TDA7342_06 Datasheet
221Kb / 20P
Digitally controlled audio processor
20-Nov-2006
TDA7348 STMICROELECTRONICS-TDA7348_07 Datasheet
220Kb / 20P
Digitally controlled audio processor
26-Jan-2007
TDA7342EQ2N STMICROELECTRONICS-TDA7342EQ2N Datasheet
222Kb / 21P
Digitally controlled audio processor
03-Aug-2006
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
Digitally controlled audio processor
Dec-2006
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
Digitally Controlled Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com