Electronic Components Datasheet Search
  English  ▼

X  

TDA7437N Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7437N
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7437N Datasheet HTML 1Page - STMicroelectronics TDA7437N Datasheet HTML 2Page - STMicroelectronics TDA7437N Datasheet HTML 3Page - STMicroelectronics TDA7437N Datasheet HTML 4Page - STMicroelectronics TDA7437N Datasheet HTML 5Page - STMicroelectronics TDA7437N Datasheet HTML 6Page - STMicroelectronics TDA7437N Datasheet HTML 7Page - STMicroelectronics TDA7437N Datasheet HTML 8Page - STMicroelectronics TDA7437N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
TDA7437N
VDC
DC Step
0dB to Mute
0.1
3
mV
SOFT MUTE
AMUTE
Mute Attenuation
50
65
dB
TDON
ON Delay Time
CCSM = 22nF; 0 to -20dB; I = IMAX
0.8
1.5
2.0
ms
CCSM = 22nF; 0 to -20dB; I = IMIN
25
45
60
ms
TDOFF
OFF Current
VCSM = 0V; I = IMAX
20
40
60
mA
VCSM = 0V; I = IMIN
2
µA
RINT
Pullup Resistor (pin 28)
(note 2)
100
K
VSMH
(pin 28) Level High
3.5
V
VSML
(pin 28) Level Low
Soft Mute Active
1
V
BASS CONTROL
Crange
Control Range
±11.5
±14
±16
dB
Astep
Step Resolution
1
2
3
dB
Rg
Internal Feedback Resistance
31
44
57
K
MIDDLE CONTROL
Crange
Control Range
±11.5
±14
±16
dB
Astep
Step Resolution
1
2
3
dB
Rg
Internal Feedback Resistance
17.5
25
32.5
K
TREBLE CONTROL
CRANGE
Control Range
±13
±14
±15
dB
Astep
Step Resolution
1
2
3
dB
SPEAKER ATTENUATORS
CRANGE
Control Range
79
dB
Astep
Step Resolution
AV = 0 to -40dB
0.5
1
1.5
dB
AMUTE
Output Mute Attenuation
Data Word = 1111XXXX
80
100
dB
EA
Attenuation Set Error
AV = 0 to -40dB
1.5
dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
3
mV
AUDIO OUTPUT
Vclip
Clipping Level
d = 0.3%
2.1
2.6
Vrms
RL
Output Load Resistance
2
K
RO
Output Impedance
50
90
140
VDC
DC Voltage Level
3.5
3.8
4.1
V
PAUSE DETECTOR
VTH
Pause Threshold
WIN = 11
35
mV
WIN = 10
70
mV
WIN = 01
140
mV
WIN = 00
280
mV
IDELAY
Pull-Up Current
15
25
35
µA
VTHP
Pause Threshold
3.0
V
ELECTRICAL CHARACTERISTICS (continued)
(AVDD, DVDD = 9V; RL = 10KΩ; Rg = 50Ω; Tamb = 25°C; all gains = 0dB; f = 1KHz. Refer to the test circuit,
unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com