Electronic Components Datasheet Search
  English  ▼

X  

TDA7437N Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7437N
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7437N Datasheet HTML 5Page - STMicroelectronics TDA7437N Datasheet HTML 6Page - STMicroelectronics TDA7437N Datasheet HTML 7Page - STMicroelectronics TDA7437N Datasheet HTML 8Page - STMicroelectronics TDA7437N Datasheet HTML 9Page - STMicroelectronics TDA7437N Datasheet HTML 10Page - STMicroelectronics TDA7437N Datasheet HTML 11Page - STMicroelectronics TDA7437N Datasheet HTML 12Page - STMicroelectronics TDA7437N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
TDA7437N
DATA BYTE SPECIFICATION
(*) Selected when using a 3 wires differential source (pins 5 and 13 shorted)
(**) Selected when using 4 wires differential source
(1) OUTR-INR (OUTL-INR) short circuited internally (no need external connection)
Loudness
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
0
DIFFERENTIAL
1
0
0
1
STEREO 1
1
0
1
0
STEREO 2
1
0
1
1
STEREO 3
1
1
0
0
STEREO 4
1
101
MONO
X
X
X
X
0
X
X
X
DC CONNECT (1)
0
0
HALF-DIFF 0dB (*)
0
1
HALF-DIFF -6dB (*)
1
0
FULL-DIFF 0dB (**)
1
1
FULL-DIFF -6dB (**)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
LOUDNESS STEP
00
00
0
0
0dB
00
00
0
1
1dB
00
00
1
0
2dB
00
00
1
1
3dB
00
01
0
0
4dB
00
01
0
1
5dB
00
01
1
0
6dB
00
01
1
1
7dB
00
10
0
0
8dB
00
10
0
1
9dB
0
0
1
0
1
0
10dB
0
0
1
0
1
1
11dB
0
0
1
1
0
0
12dB
0
0
1
1
0
1
13dB
0
0
1
1
1
0
14dB
0
0
1
1
1
1
15dB
0
1
0
0
0
0
16dB
0
1
0
0
0
1
17dB
0
1
0
0
1
0
18dB
0
1
0
0
1
1
19dB
0
1
0
1
0
0
20dB
1
LOUDNESS OFF
FINE VOLUME
00
0dB
01
-0.25dB
10
-0.5dB
11
-0.75dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com