Electronic Components Datasheet Search
  English  ▼

X  

FX23L Datasheet(PDF) 4 Page - Hirose Electric

Part # FX23L
Description  High-speed transmission 0.5mm pitch Board-to-Board connection fl oating connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23L Datasheet(HTML) 4 Page - Hirose Electric

  FX23L Datasheet HTML 1Page - Hirose Electric FX23L Datasheet HTML 2Page - Hirose Electric FX23L Datasheet HTML 3Page - Hirose Electric FX23L Datasheet HTML 4Page - Hirose Electric FX23L Datasheet HTML 5Page - Hirose Electric FX23L Datasheet HTML 6Page - Hirose Electric FX23L Datasheet HTML 7Page - Hirose Electric FX23L Datasheet HTML 8Page - Hirose Electric FX23L Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
FX23/FX23L Series
●High-speed transmission 0.5mm pitch Board-to-Board connection floating connectors
●Insertion loss
0
2
4
6
8
10
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
Frequency (GHz)
FX23
Passes insertion loss, return loss up to 5GHz.
●Return loss
0
2
4
6
8
10
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (GHz)
FX23
0
2
4
6
8
10
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (GHz)
FX23L
●Near end cross-talk (NEXT)
0
2
4
6
8
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (GHz)
FX23
0
2
4
6
8
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (GHz)
FX23L
Low cross-talk up to 10GHz.
●Far end cross-talk (FEXT)
0
2
4
6
8
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (GHz)
FX23
0
2
4
6
8
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (GHz)
FX23L
0
2
4
6
8
10
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
Frequency (GHz)
FX23L
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com