Electronic Components Datasheet Search
  English  ▼

X  

FX23L Datasheet(PDF) 20 Page - Hirose Electric

Part # FX23L
Description  High-speed transmission 0.5mm pitch Board-to-Board connection fl oating connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23L Datasheet(HTML) 20 Page - Hirose Electric

Back Button FX23L Datasheet HTML 12Page - Hirose Electric FX23L Datasheet HTML 13Page - Hirose Electric FX23L Datasheet HTML 14Page - Hirose Electric FX23L Datasheet HTML 15Page - Hirose Electric FX23L Datasheet HTML 16Page - Hirose Electric FX23L Datasheet HTML 17Page - Hirose Electric FX23L Datasheet HTML 18Page - Hirose Electric FX23L Datasheet HTML 19Page - Hirose Electric FX23L Datasheet HTML 20Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
FX23/FX23L Series
●High-speed transmission 0.5mm pitch Board-to-Board connection floating connectors
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 06/2019. Contents are subject to change without notice for the purpose of improvements.
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®
●Fixation among PCBs
Please take measures to fix the PCB other than using connectors.
●Cautions in mating operations
・This connector is designed to prevent reverse insertion. The connector could be damaged if excessive force is exerted when mating.
Avoid excessive force when mating. Mate only after confirming the following connector properties (chamfer of the external face) :
・The allowable misalignment is ±1.2mm in both the X and Y directions. After mating is started, proceed with the
operation along a straight line without forcing the connector.
・When mating / un-mating, it is strongly recommended to insert or remove in a straight line. If not possible, the
operation shall be carried out within the following angle.
Moreover, during the mating operation, be sure to proceed without forcibly applying a load to the connector. Allow the
connector to be placed straight when the mating operation is completed.
X direction (longitudinal direction)
⇒ for 20, 40, 60-pos. : within 2°; for 80, 100, 120-pos. : within 10°
Y direction (transverse direction)
⇒ within 0.5°
(However, this is not a recommended operation. Damage to the connector could occur.)
●Permissible position deviation in the mated state (floating movable amount)
This connector is designed to float when mated, the permissible PCB position deviation in the mated state is ±0.6mm
in both the X and Y directions.
However, it is not applicable to absorbing when the position deviation amount is continually changing due to vibration
etc. Be sure to secure PCBs after mating. Additionally, the number of repetitive floating operations shall be according
to the number of connector insertion/withdrawal cycles.
Header side
Receptacle side
(
Chamfer
Chamfer
Chamfer
±1.2mm
±1.2mm
±1.2mm
±1.2mm
X direction (longitudinal direction)
Y direction (transverse direction)
X direction (longitudinal direction)
Y direction (transverse direction)
Within ±0.5
°
Within ±0.5
°
Within ±2°,±10°
Within ±2°,±10°
X direction (longitudinal direction)
Y direction (transverse direction)
Floating side
Floating side
Floating side
±0.6mm
±0.6mm
±0.6mm
±0.6mm
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com