Electronic Components Datasheet Search
  English  ▼

X  

FX23L Datasheet(PDF) 3 Page - Hirose Electric

Part # FX23L
Description  High-speed transmission 0.5mm pitch Board-to-Board connection fl oating connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23L Datasheet(HTML) 3 Page - Hirose Electric

  FX23L Datasheet HTML 1Page - Hirose Electric FX23L Datasheet HTML 2Page - Hirose Electric FX23L Datasheet HTML 3Page - Hirose Electric FX23L Datasheet HTML 4Page - Hirose Electric FX23L Datasheet HTML 5Page - Hirose Electric FX23L Datasheet HTML 6Page - Hirose Electric FX23L Datasheet HTML 7Page - Hirose Electric FX23L Datasheet HTML 8Page - Hirose Electric FX23L Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
FX23/FX23L Series
●High-speed transmission 0.5mm pitch Board-to-Board connection floating connectors
High-speed transmission property (FX23 : h=15mm, FX23L : h=12mm)
●Pin assignment
The following pin arrangement is recommended to match the 100ø differential impedance and to contain cross-talk.
●Differential impedance 80ps rise time (20 to 80%)
Meets the criterion of 100±10ø at the rise time of 80ps (20
to 80%).
0.8
1
1.2
1.4
1.6
1.8
85
90
95
100
105
110
115
Time (ns)
FX23
0.8
1
1.2
1.4
1.6
1.8
85
90
95
100
105
110
115
Time (ns)
FX23L
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
●Straight header
FX23 - 120 P - 0.5 SV 15
❶❷
❸
❹
❺
❻
●Straight receptacle
FX23 - 120 S - 0.5 SV 10
❶❷
❸
❹
❺
❻
●Right angle receptacle
FX23 - 120 S - 0.5 SH
❶❷
❸
❹
❺
●Straight header
FX23L - 120 P - 0.5 SV 8
❶❷
❸
❹
❺
❻
●Straight receptacle
FX23L - 120 S - 0.5 SV 10
❶❷
❸
❹
❺
❻
❶
Series name
:
FX23
❷
Number of contacts
❸
Connector type
P :Header type
S :Receptacle type
❹
Contact pitch
:
0.5mm
❺
Product type
SV :Vertical
SH :Right angle type
❻
Product height type Mating height [mm] =
Numerical value on the
header side + Numerical
value on the receptacle side
Diff pair
Signal pin
Ground pin
❶
Series name
:
FX23L
❷
Number of contacts
❸
Connector type
P :Header type
S :Receptacle type
❹
Contact pitch
:
0.5mm
❺
Product type
SV :Vertical
❻
Product height type Mating height [mm] =
Numerical value on the
header side
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com