Electronic Components Datasheet Search
  English  ▼

X  

FX23L Datasheet(PDF) 9 Page - Hirose Electric

Part # FX23L
Description  High-speed transmission 0.5mm pitch Board-to-Board connection fl oating connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23L Datasheet(HTML) 9 Page - Hirose Electric

Back Button FX23L Datasheet HTML 5Page - Hirose Electric FX23L Datasheet HTML 6Page - Hirose Electric FX23L Datasheet HTML 7Page - Hirose Electric FX23L Datasheet HTML 8Page - Hirose Electric FX23L Datasheet HTML 9Page - Hirose Electric FX23L Datasheet HTML 10Page - Hirose Electric FX23L Datasheet HTML 11Page - Hirose Electric FX23L Datasheet HTML 12Page - Hirose Electric FX23L Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
FX23/FX23L Series
●High-speed transmission 0.5mm pitch Board-to-Board connection floating connectors
●Vertical receptacle
[FX23-**S-0.5SV]
Unit : mm
Part No.
HRS No.
No. of contacts
A
B
C
D
E
F
G
FX23-20S-0.5SV
573-3201-0 00
20
17.2
4.5
9.5
15.7
10
11
20
FX23-40S-0.5SV
573-3202-2 00
40
22.2
9.5
14.5
20.7
20
21
40
FX23-60S-0.5SV
573-3203-5 00
60
27.2
14.5
19.5
25.7
30
31
60
FX23-80S-0.5SV
573-3204-8 00
80
32.2
19.5
24.5
30.7
40
41
80
FX23-100S-0.5SV
573-3205-0 00
100
37.2
24.5
29.5
35.7
50
51
100
FX23-120S-0.5SV
573-3206-3 00
120
42.2
29.5
34.5
40.7
60
61
120
Contact No.G
Contact No.F
Contact No.1
Contact No.E
Power Contact No.2
Power Contact No.4
Power Contact No.3
Power Contact No.1
Contact No.1
Contact No.E
Contact No.F
Contact No.G
t=0.15±0.03 × w=0.2±0.05
7.6±0.25
6.1±0.25
2.6±0.25
0.8±0.1
0.15±0.03
D±0.25
C±0.25
0.8±0.1
A±0.3
B±0.2
P=0.5±0.15
0.25±0.03
P=0.5±0.03
B±0.03
Land Pattern : 0.3±0.03
Metal Mask(t=0.15):0.25±0.03
Metal Mask(t=0.12):0.3±0.03
C±0.03
D±0.03
4ר1.2
+0.1
 0(TH)
4ר1.6
+0.2
 0 (Land)
4ר1
+0.1
 0(TH)
4ר1.4
+0.2
 0 (Land)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com