Electronic Components Datasheet Search
  English  ▼

X  

FX23L Datasheet(PDF) 2 Page - Hirose Electric

Part # FX23L
Description  High-speed transmission 0.5mm pitch Board-to-Board connection fl oating connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23L Datasheet(HTML) 2 Page - Hirose Electric

  FX23L Datasheet HTML 1Page - Hirose Electric FX23L Datasheet HTML 2Page - Hirose Electric FX23L Datasheet HTML 3Page - Hirose Electric FX23L Datasheet HTML 4Page - Hirose Electric FX23L Datasheet HTML 5Page - Hirose Electric FX23L Datasheet HTML 6Page - Hirose Electric FX23L Datasheet HTML 7Page - Hirose Electric FX23L Datasheet HTML 8Page - Hirose Electric FX23L Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
FX23/FX23L Series
●High-speed transmission 0.5mm pitch Board-to-Board connection floating connectors
■Product Specifications
Ratings
Rated current : Signal part 0.5A
Power part 3.0A
Operating temperature range : -55 to 105℃ (Note 1)
Storage temperature range : -10 to 60℃ (Note 2)
Rated voltage : Signal part AC 50V
Power part AC 200V
Operating/storage humidity range : 90% or less
relative humidity (No dew condensation is allowed)
Items
Specifications
Conditions
1. Contact resistance
Signal part 70mø or less
Power part 20mø or less
Measured at 100mA
2. Insulation resistance
Signal part
100Mø or more
Power part 1,000Mø or more
Signal part Measured at DC
Signal Measured at DC 100V
Power Measured at DC 250V
3. Withstanding Voltage
No flashover or breakdown.
Signal contacts Energized at AC 150V for 1 minute
Power contacts Energized at AC 600V for 1 minute
4. Mating durability
Contact resistance of the signal part 80mø or less
Power part 30mø or less.
100 times insertion/withdrawal
5. Vibration proof
No electric outage of 1
μ or greater.
Frequency 10 - 55Hz, half amplitude 0.75mm, 10 cycles in
each of the 3-axis directions each for 5 minutes per cycle
6. Shock resistance
No electric outage of 1
μ or greater.
Acceleration of 490m/s2 ; duration 11ms, sine half-wave,
3 cycles in each of the 3 axes each in both directions.
7. Moisture resistance
Contact resistance of the signal part 80mø or less
Power part 30mø or less
Insulation resistance at the signal part 100Mø or more
Power part 1,000Mø or more.
Left to stand for 96 hours at the temperature of 40
℃ and
the humidity of 90 to 95%
8. Temperature cycle
Contact resistance of the signal part 80mø or less
Power part 30mø or less
Insulation resistance at the signal part 100Mø or more
Power part 1,000Mø or more.
Temperature -55
→ 85℃
5 cycles for a series of time periods : 30 minutes
→ 30
minutes
Note 1 : Includes temperature rise caused by current flow.
Note 2 : The term “storage” refers to the long-term storage condition of unused products before mounting on PCB.
■Materials / Finish
Part
Materials
Finish
UL standard
Insulator (FX23)
Header
Polyamide resin
Black color
UL94V-0
Receptacle
LCP resin
Insulator (FX23L)
Header
Polyamide resin
Black color
UL94V-0
Receptacle
Contact
Header
Copper alloy
Contacted part : gold plating
Signal contact-mounting part : gold plating
Power contact-mounting part : pure tin plating
−
Receptacle
Reinforcement metal fitting
Brass
Pure tin plated
−
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com