Electronic Components Datasheet Search
  English  ▼

X  

W7100A Datasheet(PDF) 49 Page - WIZnet Co., Ltd

Part # W7100A
Description  Release with W7100 launching
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7100A Datasheet(HTML) 49 Page - WIZnet Co., Ltd

Back Button W7100A Datasheet HTML 45Page - WIZnet Co., Ltd W7100A Datasheet HTML 46Page - WIZnet Co., Ltd W7100A Datasheet HTML 47Page - WIZnet Co., Ltd W7100A Datasheet HTML 48Page - WIZnet Co., Ltd W7100A Datasheet HTML 49Page - WIZnet Co., Ltd W7100A Datasheet HTML 50Page - WIZnet Co., Ltd W7100A Datasheet HTML 51Page - WIZnet Co., Ltd W7100A Datasheet HTML 52Page - WIZnet Co., Ltd W7100A Datasheet HTML 53Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 160 page
background image
W7100A Datasheet v1.2.5
49
P2 (0xA0)
7
6
5
4
3
2
1
0
Reset
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
0xFF
Figure 4.4 Port2 Register
P3 (0xB0)
7
6
5
4
3
2
1
0
Reset
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
0xFF
Figure 4.5 Port3 Register
Read and write accesses are performed in the I/O ports via their corresponding SFR: P0
(0x80), P1 (0x90), P2 (0xA0), and P3 (0xB0). Some port-reading instructions read from the
data registers while others read from the port pin. The “Read-Modify-Write” instructions are
directed to the data registers as shown below.
Table 4.2 Read-Modify-Write Instructions
Instruction
Function Description
ANL
Logic AND
ORL
Logic OR
XRL
Logic exclusive OR
JBC
Jump if bit is set and cleared
CPL
Complement bit
INC, DEC
Increment, decrement byte
DJNZ
Decrement and jump if not zero
MOV Px.y, C
Move carry bit to bit y of port x
CLR Px.y
Clear bit y of port x
SETB Px.y
Set bit y of port x
All other instructions read from a port exclusively through the port pins. All ports pin can be
used as GPIO (General Purpose Input Output). The GPIO of W7100A is shown in the Figure
below. The output driving voltage of GPIO is 0V or 3.3V according to the Px_PD/PU SFR value
or GPIO keeps its previous value in current operation mode.
Px_PU
Px_PD
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com