Electronic Components Datasheet Search
  English  ▼

X  

W7100A Datasheet(PDF) 97 Page - WIZnet Co., Ltd

Part # W7100A
Description  Release with W7100 launching
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W7100A Datasheet(HTML) 97 Page - WIZnet Co., Ltd

Back Button W7100A Datasheet HTML 93Page - WIZnet Co., Ltd W7100A Datasheet HTML 94Page - WIZnet Co., Ltd W7100A Datasheet HTML 95Page - WIZnet Co., Ltd W7100A Datasheet HTML 96Page - WIZnet Co., Ltd W7100A Datasheet HTML 97Page - WIZnet Co., Ltd W7100A Datasheet HTML 98Page - WIZnet Co., Ltd W7100A Datasheet HTML 99Page - WIZnet Co., Ltd W7100A Datasheet HTML 100Page - WIZnet Co., Ltd W7100A Datasheet HTML 101Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 160 page
background image
W7100A Datasheet v1.2.5
97
3
TIMEOUT
TIMEOUT Interrupt, when ARP timeout or TCP timeout occurs
2
RECV
Receive Interrupt, whenever data packet is received from a peer
1
DISCON
Disconnect Interrupt, when FIN of FIN/ACK packet is received from a
peer
0
CON
Connect Interrupt occurs only one time when changing the SOCKET
status to SOCK_Established
Sn_IMR (SOCKET n Interrupt Mask Register)[R/W][0xFE402C + 0x100n][0xFF]
It configures the interrupt of SOCKET n so as to notify to the host. Interrupt mask bit of
Sn_IMR corresponds to interrupt bit of Sn_IR. If interrupt occurs in any SOCKET and the bit is
set as ‘1’, its corresponding bit of Sn_IR is set as ‘1’. When the bits of Sn_IMR and Sn_IR are
‘1’, IR(n) becomes ‘1’. At this time, if IMR(n) is ‘1’, the interrupt is issued to the host. (‘/INT’
signal is asserted low)
7
6
5
4
3
2
1
0
PRECV
PFAIL
PNEXT
SEND_OK
TIMEOUT
RECV
DISCON
CON
Bit
Symbol
Description
7
PRECV
Sn_IR(PRECV) Interrupt Mask
Valid only in case of ‘SOCKET = 0’ & ‘S0_MR(P3:P0) = S0_MR_PPPoE’
6
PFAIL
Sn_IR(PFAIL) Interrupt Mask
Valid only in case of ‘SOCKET = 0’ & ‘S0_MR(P3:P0) = S0_MR_PPPoE’
5
PNEXT
Sn_IR(PNEXT) Interrupt Mask
Valid only in case of ‘SOCKET = 0’ & ‘S0_MR(P3:P0) = S0_MR_PPPoE’
4
SENDOK
Sn_IR(SENDOK) Interrupt Mask
3
TIMEOUT
Sn_IR(TIMEOUT) Interrupt Mask
2
RECV
Sn_IR(RECV) Interrupt Mask
1
DISCON
Sn_IR(DISCON) Interrupt Mask
0
CON
Sn_IR(CON) Interrupt Mask
Sn_SR (SOCKET n Status Register)[R][0xFE4003 + 0x100n][0x00]
This register provides the status of SOCKET n. SOCKET status are changed when using the
Sn_CR register or during packet transmission/reception.
The table below describes the different states of SOCKET n
Value
Symbol
Description
0x00
SOCK_CLOSED
When DISCON or CLOSE command is used, or ARPTO, or TCPTO
occurs, the state changes to SOCK_CLOSED regardless of
previous value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com