Electronic Components Datasheet Search
  English  ▼

X  

MIC5018 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5018
Description  High-Side MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5018 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5018 Datasheet HTML 1Page - Microchip Technology MIC5018 Datasheet HTML 2Page - Microchip Technology MIC5018 Datasheet HTML 3Page - Microchip Technology MIC5018 Datasheet HTML 4Page - Microchip Technology MIC5018 Datasheet HTML 5Page - Microchip Technology MIC5018 Datasheet HTML 6Page - Microchip Technology MIC5018 Datasheet HTML 7Page - Microchip Technology MIC5018 Datasheet HTML 8Page - Microchip Technology MIC5018 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MIC5018
DS20006631A-page 4
2021 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Input Voltage (VSUPPLY) ................................................................................................................................+10V
Control Voltage (VCTL) ............................................................................................................................... –0.6V to +16V
Gate Voltage (VG) .....................................................................................................................................................+16V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Typical values at TA = 25°C. Unless otherwise noted, minimum and maximum values
indicate performance at –40°C ≤ TA ≤ +85°C, with +2.7V ≤ Vs ≤ +9V. Parts production tested at 25°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions (Note 1)
Supply Current
ISUPPLY
—
0.01
1
μA
VSUPPLY = 3.3V, VCTL = 0V
—
70
140
VSUPPLY = 3.3V, VCTL = 3.3V
—
0
1
VSUPPLY = 5, VCTL = 0V
—
150
300
VSUPPLY = 5, VCTL = 5V
Control Input Voltage
VCTL
0
—
0.8
V
2.7V ≤ VSUPPLY ≤ 9V, VCTL for
logic 0 input
2.0
—
VSUP-
PLY
V
2.7V ≤ VSUPPLY ≤ 5V, VCTL for
logic 1 input
2.4
—
VSUP-
PLY
V
5V ≤ VSUPPLY ≤ 9, VCTL for logic
1 input
Control Input Current
ICTL
—
0.01
1
μA
2.7V ≤ VSUPPLY ≤ 9V
Control Input Capacitance
—
—
5
—
pF
Note 1
Zener Diode Output Clamp
—
13
16
19
V
VSUPPLY = 9V
Gate Output Voltage
VG
6.3
7.1
—
V
VSUPPLY = 2.7V
7.1
8.2
—
V
VSUPPLY = 3.0V
11.4
13.4
—
V
VSUPPLY = 4.5V
Gate Output Current
IG
—
9.5
—
μA
VSUPPLY = 5V, VOUT = 10V
(Note 2)
Gate Turn-On Time
—
—
0.75
1.5
ms
VSUPPLY = 4.5V, CL = 1000 pF
(Note 3)
—
—
2.1
4.2
ms
VSUPPLY = 4.5V, CL = 3000 pF
(Note 3)
Gate Turn-Off Time
—
—
10
20
μs
VSUPPLY = 4.5V, CL = 1000 pF
(Note 4)
—
—
30
60
μs
VSUPPLY = 4.5V, CL = 3000 pF
(Note 4)
Note 1: Guaranteed by design.
2: Resistive load selected for VOUT = 10V.
3: Turn-on time is the time required for gate voltage to rise to 4V greater than the supply voltage. This rep-
resents a typical MOSFET gate threshold voltage.
4: Turn-off time is the time required for the gate voltage to fall to 4V above the supply voltage. This rep-
resents a typical MOSFET gate threshold voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com