Electronic Components Datasheet Search
  English  ▼

X  

MIC5018 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC5018
Description  High-Side MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5018 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC5018 Datasheet HTML 12Page - Microchip Technology MIC5018 Datasheet HTML 13Page - Microchip Technology MIC5018 Datasheet HTML 14Page - Microchip Technology MIC5018 Datasheet HTML 15Page - Microchip Technology MIC5018 Datasheet HTML 16Page - Microchip Technology MIC5018 Datasheet HTML 17Page - Microchip Technology MIC5018 Datasheet HTML 18Page - Microchip Technology MIC5018 Datasheet HTML 19Page - Microchip Technology MIC5018 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006631A-page 17
MIC5018
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5018YM4-TR:
MIC5018, –40°C to +85°C
Temp. Range, 4-Lead
SOT-143, 3000/Reel.
Device:
MIC5018:
150mA Low Voltage μCap Linear
Regulator
Junction
Temperature
Range:
Y
=
–40°C to +85°C
Package:
M4 =
4-Lead SOT-143
Media Type:
-TR
= 3000/Reel
PART No.
X
XX
-XX
Device
Junction Temp.
Range
Package
Media Type
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com