Electronic Components Datasheet Search
  English  ▼

X  

MIC5018 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5018
Description  High-Side MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5018 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5018 Datasheet HTML 1Page - Microchip Technology MIC5018 Datasheet HTML 2Page - Microchip Technology MIC5018 Datasheet HTML 3Page - Microchip Technology MIC5018 Datasheet HTML 4Page - Microchip Technology MIC5018 Datasheet HTML 5Page - Microchip Technology MIC5018 Datasheet HTML 6Page - Microchip Technology MIC5018 Datasheet HTML 7Page - Microchip Technology MIC5018 Datasheet HTML 8Page - Microchip Technology MIC5018 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006631A-page 1
MIC5018
Features
• +2.7V to +9V Operation
• 150 μA Typical Supply Current at 5V Supply
• ≤1 μA Typical Standby (Off) Current
• Charge Pump for High-Side Low-Voltage
Applications
• Internal Zener Diode Gate-to-Ground MOSFET
Protection
• Operates in Low- and High-Side Configurations
• TTL Compatible Input
• ESD Protected
Applications
• Battery Conservation
• Power Bus Switching
• Solenoid and Motion Control
• Lamp Control
Package Type
General Description
The MIC5018 high-side MOSFET driver is designed to
switch an N-channel enhancement-type MOSFET from
a TTL compatible control signal in high- or low-side
switch applications. This driver features the tiny 4-lead
SOT-143 package.
The MIC5018 is powered from a +2.7V to +9V supply
and features extremely low off-state supply current. An
internal charge pump drives the gate output higher than
the driver supply voltage and can sustain the gate
voltage indefinitely. An internal Zener diode limits the
gate-to-source voltage to a safe level for standard
N-channel MOSFETs.
In high-side configurations, the source voltage of the
MOSFET approaches the supply voltage when
switched on. To keep the MOSFET turned on, the
MIC5018’s output drives the MOSFET gate voltage
higher than the supply voltage. In a typical high-side
configuration, the driver is powered from the load
supply voltage. Under some conditions, the MIC5018
and MOSFET can switch a load voltage that is slightly
higher than the driver supply voltage.
In a low-side configuration, the driver can control a
MOSFET that switches any voltage up to the rating of
the MOSFET. The gate output voltage is higher than
the typical 3.3V or 5V logic supply and can fully
enhance a standard MOSFET.
The MIC5018 is available in the SOT-143 package and
is rated for –40°C to +85°C ambient temperature
range.
SOT-143 (M4)
Early production identification: MH10
MIC5018
High-Side MOSFET Driver


Similar Part No. - MIC5018

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5018 MICREL-MIC5018 Datasheet
58Kb / 7P
IttyBitty??High-Side MOSFET Driver Preliminary Information
MIC5018 MICREL-MIC5018 Datasheet
209Kb / 8P
IttyBitty??High-Side MOSFET Driver
MIC5018BM4 MICREL-MIC5018BM4 Datasheet
58Kb / 7P
IttyBitty??High-Side MOSFET Driver Preliminary Information
MIC5018BM4 MICREL-MIC5018BM4 Datasheet
209Kb / 8P
IttyBitty??High-Side MOSFET Driver
MIC5018 MICREL-MIC5018_06 Datasheet
209Kb / 8P
IttyBitty??High-Side MOSFET Driver
More results

Similar Description - MIC5018

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9380 STMICROELECTRONICS-L9380 Datasheet
197Kb / 12P
TRIPLE HIGH-SIDE MOSFET DRIVER
Apr-1998
logo
Linear Technology
LTC1154 LINER-LTC1154 Datasheet
334Kb / 16P
High-Side Micropower MOSFET Driver
logo
Micrel Semiconductor
MIC5021 MICREL-MIC5021 Datasheet
132Kb / 9P
High-Speed High-Side MOSFET Driver
logo
Linear Technology
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
Protected High Side MOSFET Driver
logo
Micrel Semiconductor
MIC5031 MICREL-MIC5031 Datasheet
88Kb / 8P
High-Speed High-Side MOSFET Driver
MIC5018 MICREL-MIC5018_06 Datasheet
209Kb / 8P
IttyBitty??High-Side MOSFET Driver
MIC5021 MICREL-MIC5021_05 Datasheet
207Kb / 10P
High-Speed High-Side MOSFET Driver
logo
STMicroelectronics
L9380 STMICROELECTRONICS-L9380_08 Datasheet
255Kb / 18P
Triple high-side MOSFET driver
05-Mar-2008
logo
Linear Technology
LTC1154 LINER-LTC1154_15 Datasheet
199Kb / 18P
High Side Micropower MOSFET Driver
LT1910 LINER-LT1910_15 Datasheet
224Kb / 14P
Protected High Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com