Electronic Components Datasheet Search
  English  ▼

X  

MIC5018 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC5018
Description  High-Side MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5018 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC5018 Datasheet HTML 6Page - Microchip Technology MIC5018 Datasheet HTML 7Page - Microchip Technology MIC5018 Datasheet HTML 8Page - Microchip Technology MIC5018 Datasheet HTML 9Page - Microchip Technology MIC5018 Datasheet HTML 10Page - Microchip Technology MIC5018 Datasheet HTML 11Page - Microchip Technology MIC5018 Datasheet HTML 12Page - Microchip Technology MIC5018 Datasheet HTML 13Page - Microchip Technology MIC5018 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MIC5018
DS20006631A-page 10
2021 Microchip Technology Inc. and its subsidiaries
4.4
Logic-Level MOSFET
Logic-level N-channel MOSFETs are fully enhanced
with a gate-to-source voltage of approximately 5V and
generally have an absolute maximum gate-to-source
voltage of ±10V.
FIGURE 4-3:
Using a Logic-Level
MOSFET.
Refer to Figure 4-3 for an example showing nominal
voltages. The maximum gate-to-source voltage rating
of a logic-level MOSFET can be exceeded if a higher
supply voltage is used. An external Zener diode can
clamp the gate-to-source voltage as shown in
Figure 4-4. The Zener voltage, plus its tolerance, must
not exceed the absolute maximum gate voltage of the
MOSFET.
FIGURE 4-4:
Gate-to-Source Protection.
A gate-to-source Zener may also be required when the
maximum gate-to-source voltage could be exceeded
due to normal part-to-part variation in gate output
voltage.
Other conditions can momentarily increase the
gate-to-source voltage, such as turning on a capacitive
load or shorting a load.
4.5
Inductive Loads
Inductive loads include relays, and solenoids. Long
leads may also have enough inductance to cause
adverse effects in some circuits.
FIGURE 4-5:
Switching an Inductive
Load.
Switching off an inductive load in a high-side
application momentarily forces the MOSFET source
negative (as the inductor opposes changes to current).
This voltage spike can be very large and can exceed a
MOSFET’s gate-to-source and drain-to-source ratings.
A Schottky diode across the inductive load provides a
discharge current path to minimize the voltage spike.
The peak current rating of the diode should be greater
than the load current.
In a low-side application, switching off an inductive load
will momentarily force the MOSFET drain higher than
the supply voltage. The same precaution applies.
4.6
Split Power Supply
Refer to Figure 4-6. The MIC5018 can be used to
control a 12V load by separating the driver supply from
the load supply.
FIGURE 4-6:
12V High-Side Switch.
A logic-level MOSFET is required. The MOSFET’s
maximum current is limited slightly because the gate is
not fully enhanced. To predict the MOSFET’s
performance for any pair of supply voltages, calculate
the gate-to-source voltage and refer to the MOSFET
data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com