Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM4700
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 30Page - Analog Devices LTM4700 Datasheet HTML 31Page - Analog Devices LTM4700 Datasheet HTML 32Page - Analog Devices LTM4700 Datasheet HTML 33Page - Analog Devices LTM4700 Datasheet HTML 34Page - Analog Devices LTM4700 Datasheet HTML 35Page - Analog Devices LTM4700 Datasheet HTML 36Page - Analog Devices LTM4700 Datasheet HTML 37Page - Analog Devices LTM4700 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 138 page
background image
power density. The CFLY2 can be calculated based on the
equation below:
IOUT2(MAX) =6A
CFLY =
IOUT2(MAX)
2• fSW • VCFLY2(RIPPLE)
∼ 62µF =
6A
2•200kHz •0.24V
Consider the ceramic capacitance derating at 12VDC bias
voltage, 8 of 10μF/X7R/50V ceramic capacitors are paral-
leled as flying capacitors.
Consider the ceramic capacitance derating at 24V and
12V DC bias voltage.
The worst case RMS current may be 40% higher than the
maximum output current. So the worst case RMS on each
capacitor can be estimated by this equation:
IRMS1(MAX) =
IOUT1(MAX) • 140%
N
,
N= #of CFLY1capacitors inparallelin stage1
0.525A =
3A •1.4
8
Each capacitor is rated for 2A IRMS,no issue
IRMS2(MAX) =
IOUT2(MAX) • 140%
N
,
N= #of CFLY1capacitors inparallelin stage1
1.05A =
6A •1.4
8
Each capacitor is rated for 2A IRMS,no issue
The output capacitor selection is similar to the flying
capacitor selection. More output capacitors result smaller
output voltage ripple. The output capacitor has less than
1/3 the CFLY RMS current, and the output capacitor can
be much less than the flying capacitor. Some of output
capacitors may be connected between input and output
to serve as input capacitors at the same time. However
the voltage rating of those capacitors has to be selected
based on the input voltage instead of the output voltage.
Capacitors to use for 4:1 Divider
CAPACITOR
VENDOR
VALUE
(μF)
VOLTAGE
(V)
PART NUMBER
Murata
10
50
GRM32ER71H106KA12
TDK
10
50
C3225X7R1H106M250AC
Murata
22
25
GRM32ER71G226KE15L
Taiyo Yuden
22
25
TMK325BJ226MMHT
LTM4664A
34
Rev. 0
For more information www.analog.com
4:1 DIVIDER APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com