Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 84 Page - Analog Devices

Part # LTM4700
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 84 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 80Page - Analog Devices LTM4700 Datasheet HTML 81Page - Analog Devices LTM4700 Datasheet HTML 82Page - Analog Devices LTM4700 Datasheet HTML 83Page - Analog Devices LTM4700 Datasheet HTML 84Page - Analog Devices LTM4700 Datasheet HTML 85Page - Analog Devices LTM4700 Datasheet HTML 86Page - Analog Devices LTM4700 Datasheet HTML 87Page - Analog Devices LTM4700 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 138 page
background image
LTM4664A
84
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 46. 0.9V at 60A Output DC/DC µModule Regulator with I2C/SMBus/PMBus
Serial Interface Including Hot Swap Front End with VOUT2 OVP Protection
VOUT1
VDD25
VDD33
VDD33
INTVCC
0.9V/60A
PGOODS1
VOUT2
VOUT2
VOUT2
PGOODVCORE
PGOODS1
PGOODS2
PGOODS2
PGOODVCORE
5V BIAS AT 50mA
PWMC0
PWMC1
OVP_SET
CIRCUIT
BREAKER
TRIP
VOSNS+
VOSNS+
VOSNS–
VDD25
VDD25
VOSNS–
SYNC
SHARE_CLK
SCL
SDA
ALERT
2.2µF
100V
×2
10µF
MAIN BULK
48V
VOUT2
10µF
4.7µF
10k
10k
10k
10k
4.7µF
10k
19.6k
7.5k
330µF
4V
×2
4.7µF
1µF
1µF
10k
10k
10k
VOSNS+ _C0
VOSNS– _C0
FAULT_C0
FAULT_C1
VDD33
VDD25
SYNC
INTVCC
VOUTC0
SCL
SDA
RUN_C0
RUN_C1
SWC0
SWC1
PGOOD_C0
PGOOD_C1
VINS3_C0
VINS3_C1
VOUTC1
EXTVCC
ALERT
SHARE_CLK
GND
GND
SGND_C0_C1
IN+
IN–
VOUT2
PGOODS1
FAULTS1
PGOODS2
FAULTS2
RUNS2
RUNS1
INTVCCS1
EXTVCCS1
INTVCCS2
EXTVCCS2
GND
GND
FREQS2
FREQS1
GND
SGND_C0_C1
UVS2
LTM4664A
RSENSE
10m
100k
12.1k
100k
6.04k
36.5k
49.9k
5.1V
0.068µF
0.068µF
100k
100k
330µF
1.65k
60.4k
22.6k
14.3k
32.4k
1%
14.7k
4664A F46
0.004*
100pF
3300pF
4:1 VOLTAGE DIVIDER
LOAD
TWO PHASE PSM 60A SECTION
PROGRAM EA-GM = 3.02ms
VOUT RANGE = LOW RCOMP = 8k
ILIM RANGE = LOW
*OPTIONAL SENSE RESISTOR
PINS NOT
SHOWN:
GL_C0
GL_C1
PHFLT_C0
PHFLT_C1
×8
50V
1%
1%
1%
1%
1%
1%
100V
25V
×4
4V
1%
1%
1%
×3
FAULT
+
470µF
×3
VOSNS+ _C1
VOSNS– _C1
10µF
×8
50V
10µF ×2
50V
INTVCC
10k
ON/OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com