Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4700
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 4 Page - Analog Devices

  LTM4700 Datasheet HTML 1Page - Analog Devices LTM4700 Datasheet HTML 2Page - Analog Devices LTM4700 Datasheet HTML 3Page - Analog Devices LTM4700 Datasheet HTML 4Page - Analog Devices LTM4700 Datasheet HTML 5Page - Analog Devices LTM4700 Datasheet HTML 6Page - Analog Devices LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 138 page
background image
LTM4664A
4
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
4:1 Divider
VINS1, SW1, SW2, INSNSS1+, INSNSS1–,
FAULTS1, FAULTS2.............................................–0.3V to 60V
VINS2, VINS2F, INSNSS2+, INSNSS2–, PGOODS1,
PGOODS2, EXTVCCS1, EXTVCCS2, SW3, SW4,
OVP_SET, VOUT2_SET, OVP_TRIP, VOUT1 .......–0.3V to 40V
VOUT2........................................................... 0.3V to 20V
INTVCCS1, INTVCCS2...............OUTPUT ONLY, RATED 6V
RUNS1, RUNS2............................................ –0.3V to 6V
UVS1, UVS2, HYS_PRGMS1, HYS_PRGMS2,
TIMERS1, TIMERS2, FREQS1,
FREQS2.....................–0.3V to INTVCCS1, –0.3 to INTVCCS2
DUAL 25A/30A PSM SECTION
VINS3_Cn, IN+, IN– ...................................... –0.3V to 18V
(VINS3_Cn – IN+), (IN+ – IN–)...................... –0.3V to 0.3V
SWC0, SWC1.............. –1V to 18V, –5V to 18V Transient
(Note 1)
5
6
7
8
9
10
11
12
13
14
1
4
3
2
15
A
B
C
D
E
F
G
H
K
J
L
T
R
P
N
M
16
BGA PACKAGE
240-PIN (16mm × 16mm × 7.72mm)
TJMAX = 125°C, θJCTOP = 5.47 C/W, θJCBOTTOM = 2.15 C/W, θJA = 5.3 C/W
θJC VALUES ARE DETERMINED BY SIMULATION PER JESD51 CONDITIONS.
θJA VALUE IS OBTAINED FROM MEASUREMENTS WITH DEMO BOARD. WEIGHT = 7.26 GRAMS.
REFER TO PAGE 78 FOR LAB MEASUREMENT AND DERATING INFORMATION.
NOTE: NOT RECOMMENDED FOR BACK-SIDE REFLOW SOLDERING. SEE WEBSITE FOR MORE INFORMATION.
VINS2
TSNS_C0b
GL_C0
PHFLT_C0
TSNSC_1a
COMP_0b
COMP_0a
PGOOD_C0
GND
VOUTC0_CFG
VOUTC1_CFG
VDD25
VDD33
COMP_1a
VOSNS–_C1
VOSNS+_C1
VOUTC1
VOUTC0
VOUT1
SW2
SW1
SW4
SW3
INSNSS2–
VOUT2
SWC1
SWC0
SDA SCL TSNSC_0a
RUN_C1
FAULT_C1
FAULT_C0
WP
ASEL
ALERT
VINS1
VTRIMC1_CFG
VTRIMC0_CFG
GL_C1
PHFLT_C1
RUN_C0
INSNSS1
–
INSNSS1
+
FSWPH_CFG
VINS3_C1
VINS3_C0
TOP VIEW
TSNS_C1b
INTVCC EXTVCC
INTVCCS1
PGOODS1
EXTVCCS1
FAULTS1
VINS2F
INSNSS2+
HYS_PRGMS2
OVP_SET
UVS1
FREQS1
RUNS1 TIMERS1
HYS_PRGMS1
OVP_TRIP
TIMERS2
RUNS2
EXTVCCS2
VOUT2_SET
INTVCCS2
PGOOD_C1
FREQS2
UVS2
PGOODS2
FAULTS2
PWM_C1
SHARE_CLK
COMP_1b SGN_DC0_C1
SGND_C0_C1
IN–
IN+
SYNC
VOSNS–_C0
VOSNS+_C0
PWM_C0
EXTVCC........................................................ –0.3V to 6V
VOUTCn ...................................................... –0.3V to 3.6V
VOSNS+_Cn................................................... –0.3V to 6V
VOSNS–_Cn................................................ –0.3V to 0.3V
RUN_Cn, SDA, SCL, ALERT....................... –0.3V to 5.5V
FSWPH_CFG, VOUTCn_CFG, VTRIMCn_CFG, ASEL,
COMP_1a, COMP_1b, COMP_0a, COMP_0b........–0.3V to 2.75V
FAULT_Cn, SYNC, SHARE_CLK, WP, PGOOD_Cn,
PWM_Cn, PHFLT_Cn ................................. –0.3V to 3.6V
TSNS_Cna, ............................................... –0.3V to 2.2V
TSNS_Cnb .................................... –0.3V to 0.8V, < 5mA
OVP-SET IMAX Sink.................................... ………. 5mA
INTVCC VDD33, VDD25 and GL_Cn are Outputs.
Internal Operating Temperature
Range (Notes 2, 14, 15)............................–40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow (Package Body) Temperature 245°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com