Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4700
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 4Page - Analog Devices LTM4700 Datasheet HTML 5Page - Analog Devices LTM4700 Datasheet HTML 6Page - Analog Devices LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices LTM4700 Datasheet HTML 10Page - Analog Devices LTM4700 Datasheet HTML 11Page - Analog Devices LTM4700 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 138 page
background image
LTM4664A
8
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 1, 2, 3). Specified as each individual output channel designated with n (Note 3). TA = 25°C,
VINS3 = 12V, RUN_Cn = 3.3V, EXTVCC = 0V, FREQUENCY_SWITCH = 350kHz and VOUTCn commanded to 1.000V unless otherwise noted.
Configured with factory default EEPROM settings, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DUAL 25A/30A PSM OUTPUT
VINS3
Input DC Voltage Operating
l
7
16
V
VOUTCn
Range of Output Voltage
Regulation
VOUTCn Diff Sensed on VOSNS+_Cn/VOSNS–_Cn-Pin-Pair;
Commanded by Serial Bus or with Resistors
Present at Start-Up on VOUTCn_CFG, Differential
Remote Sense Path Voltage (Notes 4, 6)
l
0.5
1.5
V
VOUTCn(DC)
Output Voltage, Total Variation with
Line and Load
Digital Servo Engaged (MFR_PWM_MODEn[6] = 1b)
Digital Servo Disengaged (MFR_PWM_MODEn[6] = 0b)
VOUTCn_CFG Commanded to 1.000V, VOUTCn Low
Range (MFR_PWM_MODEn[1] = 1b) (Note 6)
l
l
0.995
0.985
1.000
1.000
1.005
1.015
V
V
VINS3 UVLO
Undervoltage Lockout Threshold
VINTVCC Falling
VINTVCC Rising
3.55
3.9
V
V
IINRUSH(VINS3)
Input Inrush Current at Start-Up
VOUTCn =1V, VINS3 = 12V; No Load Besides Capacitors;
TON_RISEn = 3ms
400
mA
IS(VINS3,DCM)
Input Supply Current in
Discontinuous Mode Operation
Discontinuous Mode, MFR_PWM_MODEn[0] = 0b,
IOUTCn = 100mA
60
mA
IS(VINS3,FCM)
Input Supply Current in
Forced-Continuous Mode Operation
Forced Continuous Mode, MFR_PWM_MODEn[0] = 1b
IOUTn = 100mA
IOUTn = 30A VINS3 = 12V, VOUTn = 1V
80
3.0
mA
A
IS(VINS3,SHUTDOWN) Input Supply Current in Shutdown
Shutdown, RUN_Cn = 0V
25
mA
Output Specifications
IOUTCn
Output Continuous Current Range
Utilizing MFR_PWM_MODE[7] = 0 ,
and Using ~IOUT = 34A , Page103, (Note 4)
0
30
A
∆
ΔVOUTn(LINE)
VOUTn
Line Regulation Accuracy
Digital Servo Engaged (MFR_PWM_MODEn[6] = 0b)
Digital Servo Disengaged (MFR_PWM_MODEn[6] = 0b)
Open Circuit; IOUTCn = 0A, 7V ≤ VIN ≤ 16V, VOUT Low
Range (MFR_PWM_MODEn[1] = 1b),
FREQUENCY_SWITCH = 350kHz (Note 6)
0.03
0.03
±0.2
%/V
%/V
∆
ΔVOUTn(LOAD)
VOUTn
Load Regulation Accuracy
Digital Servo Engaged (MFR_PWM_MODEn[6] = 1b)
Digital Servo Disengaged (MFR_PWM_MODEn[6] = 0b)
0A ≤ IOUTn ≤ 30A, VOUT Low Range,
(MFR_PWM_MODEn [1] = 1b) (Note 6)
l
0.03
0.2
0.5
%
%
VOUTn(AC)
Output Voltage Ripple
10
mV
fS (Each Channel)
VOUTCn Ripple Frequency
FREQUENCY_SWITCH Set to 350kHz (0xFABC)
l
320
350
380
kHz
ΔVOUTCn(START)
Turn-On Overshoot
TON_RISEn = 3ms (Note 7)
8
mV
tSTART
Turn-On Start-Up Time
Time from VIN Toggling from 0V to 12V to Rising Edge
PGOOD_Cn, TON_DELAYn = 0ms, TON_RISEn = 3ms
30
ms
tDELAY(0ms)
Turn-On Delay Time
Time from First Rising Edge of RUN_Cn to Rising Edge
of PGOOD_Cn. TON_DELAYn = 0ms, TON_RISEn =
3ms, VINS3 Having Been Established for at Least 70ms
l
2.9
3.3
3.7
ms
ΔVOUTn(LS)
Peak Output Voltage
Deviation for Dynamic Load Step
Load: 0A to 12.5A and 12.5A to 0A at 12.5A/μs,
VOUTn = 1V, VINS3 = 12V (Note 7) See Load Transient
Graph
40
mV
tSETTLE
Settling Time for
Dynamic Load Step
Load: 0A to 12.5A and 12.5A to 0A at 12.5A/μs,
VOUTn = 1V, VINS3 = 12V (Note 7) See Load Transient
Graph
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com