Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4700
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 17Page - Analog Devices LTM4700 Datasheet HTML 18Page - Analog Devices LTM4700 Datasheet HTML 19Page - Analog Devices LTM4700 Datasheet HTML 20Page - Analog Devices LTM4700 Datasheet HTML 21Page - Analog Devices LTM4700 Datasheet HTML 22Page - Analog Devices LTM4700 Datasheet HTML 23Page - Analog Devices LTM4700 Datasheet HTML 24Page - Analog Devices LTM4700 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 138 page
background image
LTM4664A
21
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
INTVCCS2: (G7) Output of the 5.5V internal linear low
dropout regulator. The driver and control circuits are
powered from this voltage source. Must be bypassed to
power ground with a minimum of 4.7μF ceramic or other
low ESR capacitor. Do not use the INTVCCS2 pin for any
other ICs.
VOUT2: (H1-H3) 2nd stage divide by two output pins.
These pins connect to the VINS3 input of dual 25A/30A
PMBus converter. Recommend placing output decoupling
capacitance directly between these pins and GND pins.
PGOODS2: (H5) This is an Open Drain Output Pin.
PGOODS2 is pulled to ground if there are any faults or
the voltage at UVS2 pin is lower than 1V. Use PGOOD2 or
FAULTS2 to sequence on RUN_C0, and RUN_C1 for the
dual 25A/30A stage.
FAULTS2: (H6) This is an Open Drain Output Pin. FAULTS2
is pulled to ground when the VOUT2 voltage is out of
the (VINS2)/2 window threshold or the voltage between
INSNSS2+ and INSNSS2– is higher than 50mV. FAULTS2
pin is released after INTVCCS2 starts up and passes UVLO.
Use FAULTS2 or PGOOD2 to sequence on RUN_C0, and
RUN_C1 for the dual 25A/30A PSM stage.
UVS2: (H7) Undervoltage Comparator. If the UVS2 pin
voltage is lower than 1V, the PGOODS2 pin is pulled
down. If the UV pin voltage is higher than 1V and no faults,
PGOODS2 pin is released. Connect to INTVCCS2 if not
used. This pin is used to validate proper output regulation.
PMBus Dual 25A/30A Section
VOUTC1 (A1-A7, B4-B7): Channel 1 Output Voltage. Place
recommended output capacitors from this connection to
GND. See recommended layout in Figure 45.
VOUTC0: (A10-A16, B10-B13): Channel 0 Output Voltage.
Place recommended output capacitors from this connec-
tion to GND. See recommended layout in Figure 45.
FSWPH_CFG (H8): Switching Frequency, Channel
Phase Interleaving Angle and Phase Relationship to
SYNC Configuration Pin. If this pin is left open—or, if
the dual 25A/30A regulator is configured to ignore pin-
strap (RCONFIG) resistors, i.e., MFR_CONFIG_ALL[6]
= 1b—then the LTM4664A’s switching frequency
(FREQUENCY_SWITCH) and channel phase relation-
ships (with respect to the SYNC clock; MFR_PWM_
CONFIG[2:0]) are dictated at SVIN power-up according
to the LTM4664A’s NVM contents. Default factory values
are: 350kHz operation; Channel 0 at 0°; and Channel 1 at
180°C (convention throughout this document: a phase
angle of 0° means the channel’s switch node rises coinci-
dent with the falling edge of the SYNC pulse). Connecting
a resistor divider from VDD25 to SGND_C0_C1, see page
4 (and using the factory default NVM setting of MFR_
CONFIG_ALL[6] = 0b) allows a convenient way to con-
figure multiple LTM4664As with identical NVM contents
for different switching frequencies of operation and phase
interleaving angle settings of intra- and extra-module-par-
alleled channels—all, without GUI intervention or the
need to “custom preprogram” module NVM contents.
(See the Dual 25A/30A PSM Applications Information
section.) Minimize capacitance—especially when the pin
is left open—to assure accurate detection of the pin state.
VTRIMC1_ CFG (J5): Output Voltage Select Pin for VOUTC1,
Fine Setting. Works in combination with VOUTC1_CFG
to affect the VOUT_COMMAND (and associated output
voltage monitoring and protection/fault-detection thresh-
olds) of Channel 1, at SVIN power-up. (See VOUTC1_CFG
and the Dual 25A/30A PSM Applications Information sec-
tion.) Minimize capacitance—especially when the pin is
left open—to assure accurate detection of the pin state.
Note that use of RCONFIGs on VOUTC1_CFG/VTRIMC1_
CFG can affect the VOUTC1 range setting (MFR_PWM_
MODE1 [1]) and loop gain. A resistor divider from VDD25
to SGND_C0_C1 can set the trim value, see page 43.
VOUTC0_CFG (J6): Output Voltage Select Pin for VOUTC0,
Coarse Setting. If the VOUTC0_CFG and VTRIMC0_CFG
pins are both left open—or, if the LTM4664A is con-
figured to ignore pin-strap (RCONFIG) resistors, i.e.,
MFR_CONFIG_ALL[6] = 1b—then the LTM4664A's tar-
get VOUTC0 output voltage setting (VOUT_COMMAND0)
and associated power good and OV/UV warning and fault
thresholds are dictated at SVIN power-up according to
the LTM4664A’s NVM contents. A resistor connected
from this pin to SGND—in combination with resistor pin
settings on VTRIMC0_CFG, and using the factory-default
NVM setting of MFR_CONFIG_ALL[6] = 0b—can be used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com