Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 32 Page - Analog Devices

Part # LT4294
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4294 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT4294 Datasheet HTML 28Page - Analog Devices LT4294 Datasheet HTML 29Page - Analog Devices LT4294 Datasheet HTML 30Page - Analog Devices LT4294 Datasheet HTML 31Page - Analog Devices LT4294 Datasheet HTML 32Page - Analog Devices LT4294 Datasheet HTML 33Page - Analog Devices LT4294 Datasheet HTML 34Page - Analog Devices LT4294 Datasheet HTML 35Page - Analog Devices LT4294 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
32
Rev. 0
For more information www.analog.com
dissipation at safe levels. Current limit and foldback
behavior are programmable on a per-port basis.
The LTC9101-1/LTC9102/LTC9103 supports current
levels well beyond the maximum values in the 802.3bt
specification. Large values of ILIM-2P may require larger
external MOSFETs, additional heat sinking, and setting the
tLIM Timer Configuration field to a lower value.
MOSFET Fault Detection
LTC9101-1/LTC9102/LTC9103 PSE ports are designed to
tolerate significant levels of abuse, but in extreme cases
it is possible for an external MOSFET to be damaged.
A failed MOSFET may short source to drain, which will
make the port appear to be on when it should be off; this
condition may also cause the sense resistor to fuse open,
turning off the port but causing SENSE to rise to an abnor-
mally high voltage. A failed MOSFET may also short from
gate to drain, causing GATE to rise to an abnormally high
voltage. OUT, SENSE and GATE are designed to tolerate
up to 80V faults without damage.
If the LTC9101-1/LTC9102/LTC9103 detects any of these
conditions for more than 3.8ms, it disables all port func-
tionality, reduces the gate drive pull-down current for
the port and reports a FET Bad fault. This is typically a
permanent fault, but the host can attempt to recover by
resetting the port, or by resetting the entire chip if a port
reset fails to clear the fault. If the MOSFET is in fact bad,
the fault will quickly return, and the port will disable itself
again. The remaining ports of the LTC9101-1/LTC9102/
LTC9103 are unaffected.
An open or missing MOSFET will not trigger a FET Bad
fault, but will cause a tSTART fault if the LTC9101-1/
LTC9102/LTC9103 attempts to turn on the port.
Disconnect
The LTC9101-1/LTC9102/LTC9103 monitors powered
channels to ensure the PD continues to draw the mini-
mum specified current. The IHOLD-2P threshold, monitored
as the VHOLD-2P threshold across the 0.1Ω sense resistor,
is used to determine if a PD has been disconnected.
drops below the ICUT-2P threshold before its timer expires,
the tCUT timer counts back down, but at 1/16 the rate that
it counts up. If the tCUT timer reaches 65ms (typical),
the port or channel, as appropriate, is turned off and the
corresponding tCUT faults are set. This allows the channel
to tolerate intermittent overload signals with duty cycles
below about 6%; longer duty cycle overloads will remove
power from the port or channel, as appropriate.
The ILIM-2P current limiting circuit is always enabled and
actively limiting channel current. The tLIM timer is enabled
only when the tLIM Timer Configuration field is set to a
non-zero value. This allows tLIM to be set to a shorter value
than tCUT to provide more aggressive MOSFET protection
and turn off a port before MOSFET damage can occur. The
tLIM timer starts when the ILIM-2P threshold is exceeded.
When the tLIM timer reaches 1.9ms (typical) times the
value in the tLIM Timer Configuration field, the port or
channel, as appropriate, is turned off and the appropriate
tLIM faults are set. When the tLIM Timer Configuration
field is set to 0, tLIM behaviors are tracked by the tCUT
timer, which counts up during both ILIM-2P and ICUT-2P
events. To maintain IEEE compliance, the programmed
tLIM Timer Configuration field should be set as shown in
the LTC9101-1 Software Programming documentation.
ICUT-2P is typically set to a lower value than ILIM-2P,
allowing the port to tolerate minor faults without current
limiting.
To maintain IEEE compliance, ILIM-2P should be set as
shown in Table 6 and Table 7. The programmed ILIM-2P
setting is automatically applied following the completion
of inrush.
The tCUT and tLIM timers are maintained on a per channel
basis. When a tCUT or tLIM fault occurs a determination is
made to turn off one or both channels. See the Port Fault
vs Channel Fault section for details.
ILIM-2P Foldback
The LTC9101-1/LTC9102/LTC9103 ILIM-2P threshold is
implemented as a two-stage foldback circuit that reduces
the channel current if the channel voltage falls below the
normal operating voltage. This keeps MOSFET power
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com