Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 21 Page - Analog Devices

Part # LT4294
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4294 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT4294 Datasheet HTML 17Page - Analog Devices LT4294 Datasheet HTML 18Page - Analog Devices LT4294 Datasheet HTML 19Page - Analog Devices LT4294 Datasheet HTML 20Page - Analog Devices LT4294 Datasheet HTML 21Page - Analog Devices LT4294 Datasheet HTML 22Page - Analog Devices LT4294 Datasheet HTML 23Page - Analog Devices LT4294 Datasheet HTML 24Page - Analog Devices LT4294 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
21
Rev. 0
For more information www.analog.com
n
Type 3 single-signature PDs request exactly one of six
possible power levels: 3.84W, 6.49W, 13W, 25.5W,
40W, or 51W.
n
Type 3 dual-signature PDs request exactly one of four
possible power levels on each pairset: 3.84W, 6.49W,
13W, or 25.5W. The total PD requested power is the
sum of the requested power on both pairsets.
n
Type 3 PD Classes overlap with Type 1 and 2 Classes in
order to provide additional Type 3 feature sets at lower
power levels.
n
Type 4 single-signature PDs request exactly one of two
possible power levels: 62W or 71.3W.
n
Type 4 dual-signature PDs request exactly 35.6W on at
least one pairset and one of five possible power levels
on the other pairset: 3.84W, 6.49W, 13W, 25.5W, or
35.6W. The total PD requested power is the sum of the
requested power on both pairsets.
n
Classification is extended to a possible maximum of
five class events. The additional events allow for unique
identification of existing and new PD Classes.
n
Type 3 and 4 PSEs issue a long first class event to
advertise Type 3 and 4 feature support to attached PDs.
n
Lower standby power is enabled by shortening the
length of the maintain power signature pulse (short
MPS). The PD duty cycle drops from ~23% to ~2%. A
PD is allowed to present short MPS if the PSE issues
a long first class event.
n
Power management is augmented by Autoclass, an
optional feature for 802.3bt PSEs and PDs. In an
Autoclass system the maximum PD power is mea-
sured and reported to the PSE host, enabling the PSE
to reclaim output power not used by the PD appli-
cation and losses in the Ethernet cabling (Table 3).
See Autoclass section and LTC9101-1 Software
Programming documentation for details.
Table 3. IEEE-Specified Power Allocations, Single-Signature PD
PD CLASS
PSE OUTPUT
POWER
ALLOCATED
CABLING LOSS
PD INPUT
POWER
1
4W
0.16W
3.84W
2
6.7W
0.21W
6.49W
3
14W
1W
13W
4
30W
4.5W
25.5W
5
45W
5W
40W
6
60W
9W
51W
7
75W
13W
62W
8
90W
18.7W
71.3W
REGISTER MAP BACKWARD COMPATIBILITY
Software register map compatibility with LTC4266,
LTC4271 and LTC4291-based PSEs has been maintained
to the extent possible. LTC4291-based PSEs utilize two
channels to control a single PSE port. LTC9101-based
PSEs can be configured to utilize either a single power
channel, delivering up to 25.5W, or as two channels,
delivering up to 71.3W.
For register map details please contact Analog Devices
to request the LTC9101-1 Software Programming
documentation.
Special Compatibility Mode Notes
n
As with prior generations, each I2C address provides
status and control for four PoE ports.
n
In 4-pair mode, each port register slice provides port
control and status as well as channel A vs B control
and status.
n
In 2-pair mode, each port register slice provides port
control and status via channel A control and status.
In this mode channel B control and status fields
are ignored.
n
Certain status registers, e.g. Port Status and Power
Status, relate to a channel state, as opposed to port
state and are split into three copies; a generalized port
state, channel A state and channel B state.
n
Certain command registers, e.g., Power-on pushbutton,
likewise are bifurcated to allow per-channel control.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com