Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 40 Page - Analog Devices

Part # LT4294
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4294 Datasheet(HTML) 40 Page - Analog Devices

Back Button LT4294 Datasheet HTML 36Page - Analog Devices LT4294 Datasheet HTML 37Page - Analog Devices LT4294 Datasheet HTML 38Page - Analog Devices LT4294 Datasheet HTML 39Page - Analog Devices LT4294 Datasheet HTML 40Page - Analog Devices LT4294 Datasheet HTML 41Page - Analog Devices LT4294 Datasheet HTML 42Page - Analog Devices LT4294 Datasheet HTML 43Page - Analog Devices LT4294 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
40
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
If using the direct connection scheme, the 3.3V regu-
lator that supplies the LTC9101-1 can also supply the
LTC9102s/LTC9103s. This is the preferred option when
the LTC9101-1 and LTC9102/LTC9103 are on the same
side of the system isolation barrier.
High-Speed Data Isolation
The LTC9101-1/LTC9102/LTC9103 chipset can either pro-
vide proprietary isolation or rely on existing system isola-
tion. Significant BOM cost reductions can be achieved
using the proprietary isolation scheme.
In the proprietary isolation scheme, the LTC9101-1/
LTC9102/LTC9103 chipset uses transformers to isolate
the LTC9101-1 from one to four LTC9102s/LTC9103s
(see Figure 28). In this case, the SDAIN and SDAOUT
pins can be shorted to each other and tied directly to the
I2C/SMBus bus. The transformers should be 10BASE-T
or 10/100BASE-T with a 1:1 turns ratio. Optimally, the
selected transformers do not have common-mode chokes.
These transformers typically provide 1500V of isolation
between the LTC9101-1 and the LTC9102s/LTC9103s. For
proper operation, strict layout guidelines must be met.
9101123 F26
C1
1µF
100V
1µF
100V
1µF
100V
1µF
R1
10k
1/2W
R3
10k
1/2W
1µF
47µF
100V
R2
10k
1/2W
R4
10k
1/2W
+
1µF
VEE
VEE
AGND
CAP3
EXT3
LTC9102/LTC9103
VEE
VEE
VEE
VEE
VEE
AGND
CAP3
EXT3
CAP4
PWRIN
LTC9102/LTC9103
C1
1µF
100V
1µF
CAP4
PWRIN
Figure 26. Power Supply Configuration with Internal 3.3V Supply
9101123 F27
1µF
C1
1µF
100V
C2
1µF
100V
R1
10k
1/2W
R2
10k
1/2W
1µF
1µF
100V
1µF
100V
1µF
47µF
100V
+
1µF
VEE
VEE
3.3V
VEE
VEE
AGND
CAP3
EXT3
PWRIN
CAP4
LTC9102/LTC9103
VEE
3.3V
AGND
CAP3
EXT3
PWRIN
CAP4
LTC9102/LTC9103
3.3V
REGULATOR
Figure 27. Power Supply Configuration with External 3.3V Regulators
In the direct connection scheme, the LTC9101-1/LTC9102/
LTC9103 chipset relies on pre-existing system isolation.
In this scheme, the LTC9101-1 connects directly to one
or more LTC9102s/LTC9103s using a proprietary com-
munication protocol (see Figure 29).
External MOSFET
Careful selection of the power MOSFET is critical to sys-
tem reliability. Choosing a MOSFET requires extensive
analysis and testing of the MOSFET SOA curve against the
various PSE current limit conditions. ADI recommends
the PSMN075-100MSE for PSEs configured to deliver
up to 51W maximum port power (single-signature) or
25.5W maximum pairset power (dual-signature). For
PSEs configured to power up to 71.3W maximum port
power (single-signature) or 35.6W maximum pairset
power (dual-signature), ADI recommends the PSMN040-
100MSE. These MOSFETs are selected for their proven
reliability in PoE applications. Contact ADI Applications
before using a MOSFET other than one of these recom-
mended parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com