Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 17 Page - Analog Devices

Part # LT4294
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4294 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT4294 Datasheet HTML 13Page - Analog Devices LT4294 Datasheet HTML 14Page - Analog Devices LT4294 Datasheet HTML 15Page - Analog Devices LT4294 Datasheet HTML 16Page - Analog Devices LT4294 Datasheet HTML 17Page - Analog Devices LT4294 Datasheet HTML 18Page - Analog Devices LT4294 Datasheet HTML 19Page - Analog Devices LT4294 Datasheet HTML 20Page - Analog Devices LT4294 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
17
Rev. 0
For more information www.analog.com
OVERVIEW
Power over Ethernet, or PoE, is a standard protocol for
sending DC power over copper Ethernet data wiring.
The IEEE group that administers the 802.3 Ethernet data
standards added PoE powering capability in 2003. This
original PoE standard, known as 802.3af, allowed for 48V
DC power at up to 13W. 802.3af was widely popular, but
13W was not adequate for some applications. In 2009,
the IEEE released a new standard, known as 802.3at or
PoE+, increasing the voltage and current requirements
to provide 25.5W of delivered power. IEEE 802.3af and
802.3at are commonly known as PoE 1. In 2018, the IEEE
released the latest PoE standard, known as 802.3bt or
PoE 2. 802.3bt maximizes PD delivered power at 71.3W.
The IEEE standard also defines PoE terminology. A device
that provides power to the network is known as a PSE,
or power sourcing equipment, while a device that draws
power from the network is known as a PD, or powered
device. PSEs come in two types: endpoints (typically net-
work switches or routers), which provide data and power;
and midspans, which provide power but pass through
data. Midspans are typically used to add PoE capabil-
ity to existing non-PoE networks. PDs are typically IP
phones, wireless access points, security cameras, and
similar devices.
PoE++ Evolution
Even during the development of the IEEE 802.3at (PoE 1)
25.5W standard, it became clear there was a significant
and increasing need for more than 25.5W of delivered
power. In 2013, the 802.3bt task force was formed to
develop a standard capable of increasing delivered
PD power.
The primary objective of the task force is to use all four
pairs of the Ethernet cable as opposed to the two pair
power utilized by 802.3at. Using all four pairs allows for
at least twice the delivered power over existing Ethernet
cables. Further, the amount of current per two pairs
(known as a pairset) has been increased while maintain-
ing the Ethernet data signal integrity. 802.3bt increases
PD delivered power from 25.5W to 71.3W, enabling IEEE-
compliant high power PD applications.
APPLICATIONS INFORMATION
The LTC9101-1/LTC9102/LTC9103 delivers power over
one or two power channels when configured in 2-pair or
4-pair mode, respectively. Each pairset is driven by a dedi-
cated power channel. In this data sheet, the term “chan-
nel” refers to the PSE circuitry assigned to a correspond-
ing pairset. For the purposes of this document, the terms
channel and pairset may be considered interchangeable.
In addition, IEEE 802.3bt enables substantially lower
Maintain Power Signature (MPS) currents, resulting in
significantly lower standby power consumption. This
allows new and emerging government or industry standby
regulations to be met using standard PoE components.
LTC9101-1/LTC9102/LTC9103 Product Overview
The LTC9101-1/LTC9102/LTC9103 is a sixth generation
PSE controller that implements up to 24 (71.3W) 4-pair
or 48 (25.5W) 2-pair PSE ports in either an endpoint or
midspan application. Virtually all necessary circuitry is
included to implement an IEEE 802.3bt compliant PSE
design, requiring a pair of external power MOSFETs and
sense resistors per port; these minimize power loss com-
pared to alternative designs with onboard MOSFETs, and
increase system reliability.
The LTC9101-1/LTC9102/LTC9103 chipset implements
a proprietary isolation scheme for inter-chip commu-
nication. This architecture substantially reduces BOM
cost by replacing expensive opto-isolators and isolated
power supplies with a single low-cost transformer. A
single LTC9101-1 is capable of controlling a bus of up
to 4 LTC9102s/LTC9103s over this transformer-isolated
interface. Direct connection of the LTC9101-1 and the
associated LTC9102s/LTC9103s is also possible.
The LTC9101-1/LTC9102/LTC9103 offers configurable
interrupt signal triggered by per-port events, per-channel
power on control and fault telemetry, per-port current
monitoring, VEE monitoring, and one second rolling cur-
rent, voltage and port power averaging.
The LTC9101-1/LTC9102/LTC9103 also offers advanced
sixth-generation PSE features including internal eFlash for
storage of firmware updates and custom user configura-
tion packages, 2-pair operation in 802.3at-compliant or
802.3bt-compliant mode, I2C quad virtualization for full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com