Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 29 Page - Analog Devices

Part # LT4294
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4294 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT4294 Datasheet HTML 25Page - Analog Devices LT4294 Datasheet HTML 26Page - Analog Devices LT4294 Datasheet HTML 27Page - Analog Devices LT4294 Datasheet HTML 28Page - Analog Devices LT4294 Datasheet HTML 29Page - Analog Devices LT4294 Datasheet HTML 30Page - Analog Devices LT4294 Datasheet HTML 31Page - Analog Devices LT4294 Datasheet HTML 32Page - Analog Devices LT4294 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
29
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
9101123 F20
VCLASSMIN
VMARKMAX
VSIGMIN
VRESET
DETECT
1ST
CLASS
1ST
MARK
2ND
MARK
3RD
MARK
4TH
MARK
2ND
CLASS
3RD
CLASS
4TH
CLASS
POWER ON
Figure 20. Type 3 or 4 PSE, 4-Event Class Sequence
9101123 F21
VCLASSMIN
VMARKMAX
VSIGMIN
VRESET
DETECT
1ST
CLASS
1ST
MARK
2ND
MARK
3RD
MARK
4TH
MARK
5TH
MARK
2ND
CLASS
3RD
CLASS
4TH
CLASS
5TH
CLASS
POWER ON
Figure 21. Type 4 PSE, 5-Event Class Sequence
9101123 F18
VCLASSMIN
VMARKMAX
VSIGMIN
VRESET
DETECT
1ST
CLASS
1ST
MARK
POWER ON
Figure 18. Type 3 or 4 PSE, 1-Event Class Sequence
9101123 F19
VCLASSMIN
VMARKMAX
VSIGMIN
VRESET
DETECT
1ST
CLASS
1ST
MARK
2ND
MARK
3RD
MARK
2ND
CLASS
3RD
CLASS
POWER ON
Figure 19. Type 3 or 4 PSE, 3-Event Class Sequence
Understanding 4PID
4-pair identification (4PID) refers to a set of conditions for
determining whether a PD is capable of receiving power
over both pairsets simultaneously.
The PSE may apply 4-pair power if the PD presents a valid
detection signature on both pairsets and one or more of
the following conditions are met:
• The port is in 4-pair mode.
• The PD is single-signature configuration.
• The PD is Type 3 or Type 4.
• The PD presents a valid detection signature on an
unpowered pairset when power is applied over the
other pairset.
Although PD signature configuration is not defined for
Type 1 and Type 2 PDs, a Type 3 or Type 4 PSE may
identify such a PD as single-signature or dual-signature.
Single-signature PDs may receive 4-pair power regardless
of PD Type. Certain pre-802.3bt “dual-signature” PDs may
be damaged by 4-pair power.
Type 3 and Type 4 dual-signature PDs are required to
present a unique classification response from pre-802.3bt
dual-signature PDs of the same Class. For dual-signature
PDs, the LTC9101-1/LTC9102/LTC9103 determines and
reports both PD Class and PD Type during classification.
Type 3, Type 4, and pre-802.3bt Class 1 through Class 4
dual-signature PDs present class signature 1 through 4,
respectively, during the first and second class events.
Type 3 and Type 4 dual-signature PDs present class sig-
nature 0 for all subsequent class events. Thus, a PSE can
conclusively determine PD Type by the third class event
for all dual-signature PDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com