Electronic Components Datasheet Search
  English  ▼

X  

EM78P159NP Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM78P159NP
Description  8-Bit Microcontroller with OTP ROM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P159NP Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78P159NP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
EM78P159N
8-Bit Microcontrollerwith OTP ROM
12
•
Product Specification (V1.0) 03.10.2006
(This specification is subject to change without further notice)
4.2.3 IOC5 ~ IOC6 (I/O Port Control Register)
"1" put the relative I/O pin into high impedance, while "0" defines the relative I/O pin
as output.
Only the lower 7 bits of IOC5 can be defined.
IOC5 and IOC6 registers are both readable and writable.
4.2.4 IOCA (Prescaler Counter Register)
IOCA register is readable.
The value of IOCA is equal to the contents of Prescaler counter.
Down counter
4.2.5 IOCB (Pull-Down Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
/PD7
/PD6
/PD5
/PD4
/PD3
/PD2
/PD1
/PD0
Bit 0 (/PD0):
Control bit is used to enable the pull-down of P50 pin.
0
= Enable internal pull-down
1
= Disable internal pull-down
Bit 1 (/PD1):
Control bit is used to enable the pull-down of P51 pin.
Bit 2 (/PD2):
Control bit is used to enable the pull-down of P52 pin.
Bit 3 (/PD3):
Control bit is used to enable the pull-down of P53 pin.
Bit 4 (/PD4):
Control bit is used to enable the pull-down of P60 pin.
Bit 5 (/PD5):
Control bit is used to enable the pull-down of P61 pin.
Bit 6 (/PD6):
Control bit is used to enable the pull-down of P62 pin.
Bit 7 (/PD7):
Control bit is used to enable the pull-down of P63 pin.
IOCB Register is both readable and writable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com