Electronic Components Datasheet Search
  English  ▼

X  

EM78P159NP Datasheet(PDF) 29 Page - ELAN Microelectronics Corp

Part # EM78P159NP
Description  8-Bit Microcontroller with OTP ROM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P159NP Datasheet(HTML) 29 Page - ELAN Microelectronics Corp

Back Button EM78P159NP Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 33Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
EM78P159N
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 03.10.2006
• 25
(This specification is subject to change without further notice)
4.6 Interrupt
The EM78P159N has three falling-edge interrupts as listed herewith:
1) TCC overflow interrupt
2) Port 6 Input Status Change Interrupt
3) External interrupt [(P60, /INT) pin].
Before the Port 6 Input Status Change Interrupt is enabled, reading Port 6 (e.g., "MOV
R6,R6") is necessary. Each Port 6 pin will have this feature if its status changes. Any
pin configured as output or P60 pin configured as /INT is excluded from this function.
The Port 6 Input Status Changed Interrupt can wake up the EM78P159N from Sleep
mode if Port 6 is enabled prior to going into the Sleep mode by executing SLEP. When
the chip wakes-up, the controller will continue to execute the succeeding address if the
global interrupt is disabled or it will branch into the interrupt vector 008H if the global
interrupt is enabled.
RF is the interrupt status register that records the interrupt requests in the relative
flags/bits. IOCF is an interrupt mask register. The global interrupt is enabled by the
ENI instruction and is disabled by the DISI instruction. When one of the interrupts
(enabled) occurs, the next instruction will be fetched from address 008H. Once in the
interrupt service routine, the source of an interrupt can be determined by polling the flag
bits in RF. The interrupt flag bit must be cleared by instructions before leaving the
interrupt service routine and before interrupts are enabled to avoid recursive interrupts.
The flag (except ICIF bit) in the Interrupt Status Register (RF) is set regardless of the
status of its mask bit or the execution of ENI. Note that the outcome of RF will be the
logic AND of RF and IOCF (refer to figure below). The RETI instruction ends the
interrupt routine and enables the global interrupt (the execution of ENI).
When an interrupt is generated by the INT instruction (enabled), the next instruction will
be fetched from Address 001H.
IN T
EN I /D I S I
IO D
RF W R
I O CF RD
IO C F W R
IR Q n
IR Q m
RFR D
IO C F
/R E S E T
/I R Q n
VC C
RF
CL K
CL K
Q
Q
D
P
R
L
C
_
P
R
L
C
Q
Q
_
D
Figure 4-7 Interrupt Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com