Electronic Components Datasheet Search
  English  ▼

X  

EM78P159NP Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P159NP
Description  8-Bit Microcontroller with OTP ROM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P159NP Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P159NP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
EM78P159N
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 03.10.2006
• 9
(This specification is subject to change without further notice)
4.1.5 R4 (RAM Select Register)
Bits 0~5
are used to select registers (Address: 00~06, 0F~3F) in the indirect
addressing mode.
Bits 6~7
Not used (read only). Set these bits to “1” all the time.
The “Z” flag of R3 will set to “1” when the R4 content is equal to “3F.” When R4=R4+1,
the R4 content will select “R0.”
4.1.6 R5 ~ R6 (Port 5 ~ Port 6)
R5
and R6 are I/O registers. Only the lower 7 bits of R5 are available.
4.1.7 RD (Manual Calibration Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EM78P159N
X
X
X
X
X
X
X
X
ICE159N Simulator
-
-
-
-
C3
C2
C1
C0
In EM78P159N:
The register does not exist in real chip.
In ICE159N Simulator: C3 ~ C0
are IRC calibration bits in MCIRC mode.
Bit 3 ~ Bit 0 (C3 ~ C0):
are the Calibrators of internal RC mode
C3
C2
C1
C0
Cycle Time (ns)
Frequency (MHz)
0
0
0
0
390.6
2.56
0
0
0
1
365.0
2.74
0
0
1
0
342.5
2.92
0
0
1
1
322.6
3.1
0
1
0
0
304.9
3.28
0
1
0
1
289.0
3.46
0
1
1
0
274.7
3.64
0
1
1
1
261.8
3.82
1
1
1
1
250.0
4.00
1
1
1
0
239.2
4.18
1
1
0
1
229.4
4.36
1
1
0
0
220.3
4.54
1
0
1
1
211.9
4.72
1
0
1
0
204.1
4.9
1
0
0
1
196.7
5.08
1
0
0
0
190.1
5.26
NOTES:
1. Frequency values shown are theoretical and taken from an instance of a high
frequency mode. Hence they are shown for reference only. Definite values will
depend on the actual process.
2. Similar way of calculation is also applicable to Low Frequency mode.
Bits 4~7:
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com