Electronic Components Datasheet Search
  English  ▼

X  

EM78P159NP Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part # EM78P159NP
Description  8-Bit Microcontroller with OTP ROM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P159NP Datasheet(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EM78P159NP Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
EM78P159N
8-Bit Microcontrollerwith OTP ROM
30
•
Product Specification (V1.0) 03.10.2006
(This specification is subject to change without further notice)
Calibration Selection for Internal RC Mode
C3
C2
C1
C0
Cycle Time (ns)
Frequency (MHz)
0
0
0
0
390.6
2.56
0
0
0
1
365.0
2.74
0
0
1
0
342.5
2.92
0
0
1
1
322.6
3.1
0
1
0
0
304.9
3.28
0
1
0
1
289.0
3.46
0
1
1
0
274.7
3.64
0
1
1
1
261.8
3.82
1
1
1
1
250.0
4.00
1
1
1
0
239.2
4.18
1
1
0
1
229.4
4.36
1
1
0
0
220.3
4.54
1
0
1
1
211.9
4.72
1
0
1
0
204.1
4.9
1
0
0
1
196.7
5.08
1
0
0
0
190.1
5.26
The above are theoretical values and are provided for reference only. Actual values
may vary depending on actual process.
4.8 CODE Option Register
The EM78P159N has a CODE option word that is not a part of the normal program
memory. The option bits cannot be accessed during normal program execution.
Code Option Register and Customer ID Register Arrangement Distribution:
Word 0
Word 1
Word 2
Bit12 ~ Bit0
Bit12 ~ Bit0
Bit12 ~ Bit0
4.8.1 Code Option Register (Word 0)
WORD 0
Bit 12 Bit 11 Bit 10 Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
-
CLKS0 ENWDTB OSC2 OSC1 OSC0 HLP
PR2
PR1
PR0
Bit 0 ~ Bit 2 (PR0 ~ PR2):
Protect bits
PR0 ~ PR2 are protect bits. Protect types are as follows:
PR2
PR1
PR0
Protect
0
0
0
Enable
0
0
1
Enable
0
1
0
Enable
0
1
1
Enable
1
0
0
Enable
1
0
1
Enable
1
1
0
Enable
1
1
1
Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com