Electronic Components Datasheet Search
  English  ▼

X  

EM78P159NP Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM78P159NP
Description  8-Bit Microcontroller with OTP ROM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P159NP Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM78P159NP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P159NP Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
EM78P159N
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 03.10.2006
• 31
(This specification is subject to change without further notice)
Bit 3 (HLP):
Power selection
0
= Low power
1
= High power
Bit 4 ~ Bit 6 (OSC0 ~ OSC2):
Oscillator Modes Selection bits
Mode
OSC2 OSC1 OSC0
ERC (External RC oscillator mode); P55/OSCO act P55
0
0
0
ERC (External RC oscillator mode); P55/OSCO act OSCO
0
0
1
IRC (Internal RC oscillator mode) ; P55/OSCO act P55
0
1
0
IRC (Internal RC oscillator mode); P55/OSCO act OSCO
0
1
1
MCIRC (Manual calibration IRC mode); P55/OSCO act P55
1
0
0
MCIRC (Manual calibration IRC mode); P55/OSCO act OSCO
With Simulator
only
1
0
1
LXT (Low XTAL oscillator mode)
1
1
0
HXT (High XTAL oscillator mode) (default)
1
1
1
NOTE
The transient point of system frequency between HXT and LXY is around 400 KHz.
Bit 7 (ENWDTB):
Watchdog timer enable bit.
0
= Enable
1
= Disable
Bit 8 (CLKS0):
Instruction period option bit
Word 0
CLK0
4 oscillator time periods (default)
1
2 oscillator time periods
0
Refer to Section 4.12 Instruction Set for further details.
Bit 9 ~ Bit 12:
Not used, but need to set to “1” all the time to preclude possible
error.
4.8.2 Customer ID Register (Word 1)
WORD 0
Bit12 Bit11
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
-
RCOUT
-
-
-
-
CYES
-
-
-
-
RCM1 RCM0
Bit 0 ~ Bit 1 ( RCM0 ~ RCM1):
IRC mode selection bits
RCM 1
RCM 0
Frequency (MHz)
1
1
4
1
0
8
0
1
1
0
0
455kHz
Bit 2 ~ Bit 5:
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com