Electronic Components Datasheet Search
  English  ▼

X  

LTC4213 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4213
Description  No RSENSE??Electronic Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4213 Datasheet(HTML) 1 Page - Analog Devices

  LTC4213 Datasheet HTML 1Page - Analog Devices LTC4213 Datasheet HTML 2Page - Analog Devices LTC4213 Datasheet HTML 3Page - Analog Devices LTC4213 Datasheet HTML 4Page - Analog Devices LTC4213 Datasheet HTML 5Page - Analog Devices LTC4213 Datasheet HTML 6Page - Analog Devices LTC4213 Datasheet HTML 7Page - Analog Devices LTC4213 Datasheet HTML 8Page - Analog Devices LTC4213 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC4213
1
Rev. A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
No RSENSE™
Electronic Circuit Breaker
The LTC®4213 is an electronic circuit breaker. An overcur-
rent circuit breaker senses the voltage across the drain
and source terminals of an external N-channel MOSFET
with no need for a sense resistor. The advantages are a
lower cost and reduced voltage and power loss in the
switch path. An internal high-side driver controls the
external MOSFET gate.
Two integrated comparators provide dual level overcurrent
protection over the bias supply to ground common mode
range. The slow comparator has 16µs response while the
fast comparator trips in 1µs. The circuit breaker has three
selectable trip thresholds: 25mV, 50mV and 100mV. An
ON pin controls the ON/OFF and resets circuit breaker
faults. READY signals the MOSFET is conducting and
the circuit breaker is armed. The LTC4213 operates from
VCC = 2.3V to 6V.
1.25V Electronic Circuit Breaker
APPLICATIONS
n
Fast 1µs Response Circuit Breaker
n
3 Selectable Circuit Breaker Thresholds
n
No Sense Resistor Required
n
Dual Level Overcurrent Fault Protection
n
Controls Load Voltages from 0V to 6V
n
High-Side Drive for External N-Channel MOSFET
n
Undervoltage Lockout
n
READY Pin Signals When Circuit Breaker Armed
n
Small Plastic (3mm × 2mm) DFN and TSOT-23
(ThinSOT™) Packages
n
Electronic Circuit Breaker
n
High-Side Switch
n
Hot Board Insertion
All registered trademarks and trademarks are the property of their respective owners.
Severe Overload Response
OFF ON
LTC4213
VCC
ON
READY
10k
ISEL
GND
GATE
SI4864DY
VBIAS
VOUT
1.25V
3.5A
VIN
1.25V
VBIAS
2.3V TO 6V
SENSEN
SENSEP
4213 TA01a
2s/DIV
4213 TA01b
IOUT
(50A/DIV)
VGATE
(5V/DIV)
VOUT
(1V/DIV)
VIN
(1V/DIV)


Similar Part No. - LTC4213

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4213 LINER-LTC4213 Datasheet
184Kb / 20P
No RSENSE??Electronic Circuit Breaker
LTC4213CDDB LINER-LTC4213CDDB Datasheet
184Kb / 20P
No RSENSE??Electronic Circuit Breaker
LTC4213IDDB LINER-LTC4213IDDB Datasheet
184Kb / 20P
No RSENSE??Electronic Circuit Breaker
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
Electronic Circuit Breaker
More results

Similar Description - LTC4213

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
ELECTRONIC CIRCUIT BREAKER
Oct-1998
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
logo
Linear Technology
LTC4213 LINER-LTC4213 Datasheet
184Kb / 20P
No RSENSE??Electronic Circuit Breaker
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
Electronic Circuit Breaker
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
Electronic circuit breaker EBU
logo
PHOENIX CONTACT
2909902 PHOENIX-2909902 Datasheet
569Kb / 23P
Electronic circuit breaker - PTCB E1 24DC/1A NO
2909910 PHOENIX-2909910 Datasheet
572Kb / 23P
Electronic circuit breaker - PTCB E1 24DC/8A NO
102898 PHOENIX-102898 Datasheet
846Kb / 10P
Electronic circuit breaker
2010-12-17
102899 PHOENIX-102899 Datasheet
895Kb / 10P
Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
Electronic circuit breaker
2010-12-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com