Electronic Components Datasheet Search
  English  ▼

X  

LTC3350 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC3350
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3350 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC3350 Datasheet HTML 4Page - Analog Devices LTC3350 Datasheet HTML 5Page - Analog Devices LTC3350 Datasheet HTML 6Page - Analog Devices LTC3350 Datasheet HTML 7Page - Analog Devices LTC3350 Datasheet HTML 8Page - Analog Devices LTC3350 Datasheet HTML 9Page - Analog Devices LTC3350 Datasheet HTML 10Page - Analog Devices LTC3350 Datasheet HTML 11Page - Analog Devices LTC3350 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LTC4041
8
Rev A
For more information www.analog.com
TA = 25°C, unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
Boost Sleep Mode ISYSQ and
ISCAPQ vs Temperature
Backup Boost Transient
Response to Load Step
Burst Mode to Constant
Frequency Mode Transition
Waveform
OVP Module Shutdown Voltage
(Through 6.2k) vs Temperature
OVSNS Pin Quiescent Current
vs Temperature
Supercapacitor Balancer
Source/Sink Current
Minimum VSCAP to Maintain
Boost Regulation vs ISYS
VSYS = 5V
CAPSEL = 0V
ISCAPQ, VSCAP = 2.5V
ISYSQ, VSCAP = 2.5V
ISCAPQ, VSCAP = 4.5V
ISYSQ, VSCAP = 4.5V
TEMPERATURE (°C)
–45
–10
25
60
95
130
20
30
40
50
60
70
0
2
4
6
8
10
4041 G19
VSCAP = 3.5V
CSYS = 100µF
L = 2.2µH
VSYS
ISYS
TIME (ms)
–0.4
0.0
0.4
0.8
1.2
1.6
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
4041 G20
VSCAP = 3.5V
CSYS = 100µF
L = 2.2µH
VSYS
ISYS
TIME (ms)
–0.4
0.0
0.4
0.8
1.2
1.6
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
4041 G21
TEMPERATURE (°C)
–45
–10
25
60
95
130
6.20
6.25
6.30
6.35
6.40
6.45
6.50
4041 G22
VOVSNS = 5V
TEMPERATURE (°C)
–45
–10
25
60
95
130
20
25
30
35
40
45
50
55
60
4041 G23
CAPSEL = 5V
VSCAP = 5V
VSCAP = 2.5V
VBAL/VSCAP (%)
0 10 20 30 40 50 60 70 80 90 100
–140
–120
–100
–80
–60
–40
–20
0
20
40
60
4041 G24
SYSGD FALLING
PROGRAMMED VSYS = 5V
PROGRAMMED VSYS = 3.3V
ISYS (A)
1m
10m
100m
1
3
0
0.5
1.0
1.5
2.0
2.5
3.0
4041 G25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com