Electronic Components Datasheet Search
  English  ▼

X  

LTC3350 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3350
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3350 Datasheet(HTML) 2 Page - Analog Devices

  LTC3350 Datasheet HTML 1Page - Analog Devices LTC3350 Datasheet HTML 2Page - Analog Devices LTC3350 Datasheet HTML 3Page - Analog Devices LTC3350 Datasheet HTML 4Page - Analog Devices LTC3350 Datasheet HTML 5Page - Analog Devices LTC3350 Datasheet HTML 6Page - Analog Devices LTC3350 Datasheet HTML 7Page - Analog Devices LTC3350 Datasheet HTML 8Page - Analog Devices LTC3350 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC4041
2
Rev A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN (Transient) t < 1ms, Duty Cycle < 1% ..... –0.3V to 7V
VIN (Steady State), SCAP, BAL, CLN,
VSYS, BSTFB, PFI, CPF, CAPFB, CAPFLT,
PFO, SYSGD, OVSNS, IMON............................–0.3V to 6V
BSTEN, CHGEN, CAPGD, RSTFB,
CAPSEL........... –0.3V to [Max (VIN, VSCAP, VSYS) +0.3V]
IOVSNS..................................................................±10mA
ICAPGD, IPFO, ISYSGD ...............................................10mA
IPROG....................................................................–1.1mA
Operating Junction Temperature Range
(Notes 2, 3)............................................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
8
9
TOP VIEW
UFD PACKAGE
24-LEAD (4mm × 5mm) PLASTIC QFN
TJMAX = 125°C, θJA = 43°C/W, θJC = 3.4°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
10 11 12
24 23 22 21 20
6
5
4
3
2
1
VSYS
PROG
IMON
CHGEN
BSTEN
VIN
CLN
PFI
BSTFB
CPF
OVSNS
IGATE
PFO
CAPGD
7
14
15
16
17
18
19
13
25
GND
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4041EUFD#PBF
LTC4041EUFD#TRPBF
4041
24-Lead (4mm × 5mm × 0.75mm)
Plastic QFN
–40°C TO 125°C
LTC4041IUFD#PBF
LTC4041IUFD#TRPBF
4041
24-Lead (4mm × 5mm × 0.75mm)
Plastic QFN
–40°C TO 125°C
Consult ADI Marketing for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com