Electronic Components Datasheet Search
  English  ▼

X  

LTC3350 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC3350
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3350 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC3350 Datasheet HTML 18Page - Analog Devices LTC3350 Datasheet HTML 19Page - Analog Devices LTC3350 Datasheet HTML 20Page - Analog Devices LTC3350 Datasheet HTML 21Page - Analog Devices LTC3350 Datasheet HTML 22Page - Analog Devices LTC3350 Datasheet HTML 23Page - Analog Devices LTC3350 Datasheet HTML 24Page - Analog Devices LTC3350 Datasheet HTML 25Page - Analog Devices LTC3350 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LTC4041
23
Rev A
For more information www.analog.com
TYPICAL APPLICATIONS
3.3V Backup System with 12V Buck for Automotive Application
(Charge Current Setting: 1A, Input Current Limit Setting: 2A)
340k
2k
1nF
2.2µH
VSYS
CAPFB
BAL
BSTEN
CAPSEL CPF PROG
GND
CHGEN
SYSGD
CAPGD
IMON
IGATE
LTC4041
VIN
CLN
1.07M
MN2
3.3V
12m
VOUT
3.3V
SUPERCAP
50F
100µF
47µF
4.7µF
0.1µF
SYSTEM
LOAD
BSTFB
RSTFB
SW
SCAP
4041 TA02
OVSNS
PFI
121k
75k
422k
L1: COILCRAFT XAL-5030-222
MN2: VISHAY/SILICONIX SiS488DN
18.2k
2.2µH
1.02M
10nF
10pF
1µF
BST
VIN
12V
VIN
EN/UV
PG
SYNC
TR/SS
INTVCC
PGND
LT8610
GND
RT
SW
BIAS
FB
PFO
CAPFLT
348k
698k
5V Backup Application with Non-Backed Up 3.3V Load Option
(Charge Current Setting: 2.5A, Input Current Limit Setting: 2.5A)
200k
113k
38.3k
806
1nF
2.2µH
VSYS
CAPFB
BAL
BSTEN
CAPSEL
CPF PROG
GND
CHGEN
SYSGD
CAPGD
IMON
IGATE
LTC4041
VIN
VIN
VOUT
GND
LDO
EN
CLN
1050k
MN1
VSYS
4.7V TO 5V
10m
SUPERCAP
10F
SUPERCAP
10F
100µF
2.2µF
TO BACKED UP
SYSTEM OUTPUT
TO NON-BACKED UP
3.3V SYSTEM OUTPUT
4.7V TO 5V
INPUT SUPPLY
BSTFB
RSTFB
SW
SCAP
4041 TA02a
OVSNS
PFI
L1: COILCRAFT XAL-5030-222
MN2: VISHAY/SILICONIX SiS488DN
PFO
CAPFLT
340k
2.5V OUTPUT
1070k
VSYS
VSYS
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com