Electronic Components Datasheet Search
  English  ▼

X  

LTC3350 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC3350
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3350 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC3350 Datasheet HTML 8Page - Analog Devices LTC3350 Datasheet HTML 9Page - Analog Devices LTC3350 Datasheet HTML 10Page - Analog Devices LTC3350 Datasheet HTML 11Page - Analog Devices LTC3350 Datasheet HTML 12Page - Analog Devices LTC3350 Datasheet HTML 13Page - Analog Devices LTC3350 Datasheet HTML 14Page - Analog Devices LTC3350 Datasheet HTML 15Page - Analog Devices LTC3350 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LTC4041
12
Rev A
For more information www.analog.com
OPERATION
The LTC4041 is a complete supercapacitor backup system
manager for a 2.9V to 5.5V supply rail. The system has
three principal circuit components: a full-featured step-
down (buck) supercapacitor charger, a step-up (boost)
backup converter to deliver power to the system load
when external input power is lost, and a power-fail com-
parator to decide which one to activate. The LTC4041 has
several other auxiliary components: an input current limit
(IMON) amplifier, an optional input overvoltage protec-
tion (OVP) circuit, and a system power good (SYSGD)
comparator.
The LTC4041 has three modes of operation: normal,
backup and shutdown. If the input supply is above an
externally programmable PFI threshold voltage, the
LTC4041 is considered to be in normal mode. In this
normal mode power flows from input to output (VSYS)
while the step-down switching regulator charges a super-
capacitor or a stack of supercapacitors to a charge voltage
programmed by an external resistor divider connected at
the CAPFB pin. Refer to the Block Diagram.
The total system load is monitored by the IMON amplifier
via an external series resistor, RS, connected between the
VIN and CLN pins. This amplifier can reduce the charge
current from its programmed value (set by the PROG
pin external resistor RPROG) if the external load demand
increases beyond the level set by RS.
When the input supply falls below the PFI threshold,
backup mode disconnects the switches (MN1 and MN2)
to isolate the system (VSYS) from the input, and the boost
converter powers the system load from the supercapacitor
using the external inductor, L1.
THE SUPERCAPACITOR CHARGER
The LTC4041 includes a full-featured constant-current
(CC)/ constant-voltage (CV) supercapacitor charger with
programmable charge current and charge voltage, auto-
matic recharge, supercapacitor good indicator, superca-
pacitor overvoltage detection, and an internal balancer.
The charger is a high efficiency, constant frequency
(2.25MHz) synchronous buck converter used to charge
SCAP from VSYS via the SW pin. It is capable of directly
charging the supercapacitor to its charge voltage with an
externally programmable charge current up to 2.5A from
an input supply as high as 5.5V. A zero current com-
parator monitors the inductor current and shuts off the
NMOS synchronous rectifier once the current reduces to
approximately 250mA. This prevents the inductor current
from reversing and improves efficiency for low charg-
ing currents. The charger can be disabled by pulling the
CHGEN pin above 1.2V.
Constant-Current Mode Charging
In constant-current (CC) mode, the average current
delivered to the supercapacitor can reach 2000V/ RPROG.
Depending on the external load condition, the superca-
pacitor charger may or may not be able to charge at the
full programmed rate. The external load will always be
prioritized over the supercapacitor charge current. The
charger will charge at the full programmed rate only if
the sum of the external load and the charger input current
is less than or equal to the input current limit set by RS.
If the buck charger is operating at very low duty cycles
(i.e. if the supercapacitor voltage is very low), the actual
average charge current delivered to the supercapacitor
could vary by as much as 50% of the programmed value.
At low duty cycles, the measurement accuracy of the
inductor current sensing circuitry in the CC servo loop is
low. As a result, the average charge current could over-
shoot or undershoot. When the supercapacitor (or a stack
of supercapacitors) is charged from 0V, the low accuracy
of the inductor current sensing causes the buck to operate
in discontinuous mode. As the SCAP voltage increases
the buck will try to servo the average charge current to
the programmed value. When the SCAP voltage is about
1V, the buck exits discontinuous mode and the average
charge current will be at the programmed level. During
this discontinuous mode of operation, the VSYS voltage
ripple is still well-controlled despite the large inductor cur-
rent ripple because the buck is running at a low duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com