Electronic Components Datasheet Search
  English  ▼

X  

LTC3350 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3350
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3350 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3350 Datasheet HTML 5Page - Analog Devices LTC3350 Datasheet HTML 6Page - Analog Devices LTC3350 Datasheet HTML 7Page - Analog Devices LTC3350 Datasheet HTML 8Page - Analog Devices LTC3350 Datasheet HTML 9Page - Analog Devices LTC3350 Datasheet HTML 10Page - Analog Devices LTC3350 Datasheet HTML 11Page - Analog Devices LTC3350 Datasheet HTML 12Page - Analog Devices LTC3350 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC4041
9
Rev A
For more information www.analog.com
PIN FUNCTIONS
VSYS (Pins 1, 24): System Voltage Output Pin. This pin is
used to provide power to an external load from either the
primary input supply or from the backup supercapacitor
if the primary input supply is not available. In addition to
supplying power to the load, this pin provides power to
charge the supercapacitor when input power is available.
VSYS should be bypassed with a low ESR ceramic capaci-
tor of at least 100μF to GND.
PROG (Pin 2): Charge Current Program Pin. An external
resistor from the PROG pin to GND programs the full-
scale charge current. At full scale, the PROG pin servos
to 0.8V. The ratio of the SCAP pin current to the PROG
pin current is internally set to 2500.
IMON (Pin 3): VSYS Current Monitoring Pin. The ratio
between the IMON pin voltage and the differential voltage
between VIN and CLN is internally set to 32. Charge cur-
rent is reduced when the IMON pin voltage reaches 0.8V.
CHGEN (Pin 4): Disable Pin for the Supercapacitor
Charger. Tie this pin to GND to enable the charger or to
a voltage above 1.2V to disable it. Do not leave this pin
unconnected.
BSTEN (Pin 5): Disable Pin for the Backup Boost Converter.
Tie this pin to GND to enable the boost backup or to a volt-
age above 1.2V to disable backup. Do not leave this pin
unconnected.
VIN (Pin 6): Input Pin. Power can be applied directly to
this pin if the optional overvoltage protection (OVP) fea-
ture is not used. For applications where the OVP feature
is required, connect an external N-channel FET between
the input supply VPWR and this pin.
CLN (Pin 7): Negative terminal pin for an external cur-
rent limit sense resistor connected between VIN and this
pin. This resistor is used to monitor the current from VIN
to VSYS. The LTC4041 reduces charge current in order
to maintain 25mV across this sense resistor. However,
it does not limit the system current if the drop exceeds
25mV.
CAPFLT (Pin 8): Open-Drain Supercapacitor Fault Status
Output. In charger mode, if the voltage of any single
supercapacitor exceeds 2.7V, this pin is pulled low and
charging is disabled. In backup mode, if the voltage of any
single supercapacitor falls below –20mV, the CAPFLT pin
is pulled low and the backup boost is disabled. To keep
charging or backup enabled under any supercapacitor
fault condition, tie this pin high. The current pull-down
capability of the CAPFLT is 10µA.
BAL (Pin 9): Supercapacitor Balance Point. Connect the
common node of a stack of two supercapacitors to this
pin. An internal supercapacitor balancer drives this node
to a voltage that is half of VSCAP. Leave this pin open if
only one supercapacitor is used.
RSTFB (Pin 10): SYSGD Comparator Input. High imped-
ance input to an accurate comparator with a 0.74V falling
threshold and 20mV hysteresis. This pin controls the state
of the SYSGD output pin. An external resistor divider is
used between VSYS, RSTFB and GND. It can be the same
resistor divider as the BSTFB divider to monitor the sys-
tem output voltage VSYS. See the Applications Information
section.
SYSGD (Pin 11): Open-Drain Status Output of the SYSGD
Comparator. This pin is pulled to GND by an internal
N-channel MOSFET whenever the RSTFB pin falls below
0.74V.
CAPFB (Pin 12): Supercapacitor (Single or a Stack of
Two) Feedback Pin. An external divider between the
SCAP pin and GND with the center tap connected to the
CAPFB pin programs the final supercapacitor (or stack)
voltage(VCHG). The voltage on this pin nominally servos
to 0.8V.
CAPGD (Pin 13): Supercapacitor Power Good Indicator
Pin. The open-drain output is pulled low until CAPFB rises
to 92.5% of its regulation point.
PFO (Pin 14): Open-Drain Power-Fail Status Output. This
pin is pulled to GND by an internal N-channel MOSFET
when the PFI input is below the falling threshold of the
power-fail comparator. Once the PFI input rises above the
rising threshold, this pin becomes high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com