Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 6 Page - Motorola, Inc

Part # HCS12COREUG
Description  MC9S12DT128B
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12COREUG Datasheet(HTML) 6 Page - Motorola, Inc

Back Button HCS12COREUG Datasheet HTML 2Page - Motorola, Inc HCS12COREUG Datasheet HTML 3Page - Motorola, Inc HCS12COREUG Datasheet HTML 4Page - Motorola, Inc HCS12COREUG Datasheet HTML 5Page - Motorola, Inc HCS12COREUG Datasheet HTML 6Page - Motorola, Inc HCS12COREUG Datasheet HTML 7Page - Motorola, Inc HCS12COREUG Datasheet HTML 8Page - Motorola, Inc HCS12COREUG Datasheet HTML 9Page - Motorola, Inc HCS12COREUG Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 124 page
background image
MC9S12DT128B Device User Guide — V01.07
6
Section 7 Clock and Reset Generator (CRG) Block Description . . . . . . . . . 75
7.1
Device-specific information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75
7.1.1
XCLKS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75
Section 8 Enhanced Capture Timer (ECT) Block Description . . . . . . . . . . . . 75
Section 9 Analog to Digital Converter (ATD) Block Description. . . . . . . . . . 75
Section 10 Inter-IC Bus (IIC) Block Description . . . . . . . . . . . . . . . . . . . . . . . 75
Section 11 Serial Communications Interface (SCI) Block Description. . . . . 75
Section 12 Serial Peripheral Interface (SPI) Block Description . . . . . . . . . . 76
Section 13 J1850 (BDLC) Block Description. . . . . . . . . . . . . . . . . . . . . . . . . . 76
Section 14 Byteflight (BF) Block Description . . . . . . . . . . . . . . . . . . . . . . . . . 76
Section 15 Pulse Width Modulator (PWM) Block Description . . . . . . . . . . . . 76
Section 16 Flash EEPROM 128K Block Description . . . . . . . . . . . . . . . . . . . 76
Section 17 EEPROM 2K Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
Section 18 RAM Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Section 19 MSCAN Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Section 20 Port Integration Module (PIM) Block Description . . . . . . . . . . . . 77
Section 21 Voltage Regulator (VREG) Block Description . . . . . . . . . . . . . . . 77
Section 22 Printed Circuit Board Layout Proposal . . . . . . . . . . . . . . . . . . . . 78
Appendix A Electrical Characteristics
A.1
General. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .83
A.1.1
Parameter Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .83
A.1.2
Power Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com