Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 14 Page - Motorola, Inc

Part # HCS12COREUG
Description  MC9S12DT128B
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12COREUG Datasheet(HTML) 14 Page - Motorola, Inc

Back Button HCS12COREUG Datasheet HTML 10Page - Motorola, Inc HCS12COREUG Datasheet HTML 11Page - Motorola, Inc HCS12COREUG Datasheet HTML 12Page - Motorola, Inc HCS12COREUG Datasheet HTML 13Page - Motorola, Inc HCS12COREUG Datasheet HTML 14Page - Motorola, Inc HCS12COREUG Datasheet HTML 15Page - Motorola, Inc HCS12COREUG Datasheet HTML 16Page - Motorola, Inc HCS12COREUG Datasheet HTML 17Page - Motorola, Inc HCS12COREUG Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 124 page
background image
MC9S12DT128B Device User Guide — V01.07
14
The following figure provides an ordering number example for the MC9S12D128B devices.
Figure 0-1 Order Partnumber Example
See Table 0-2 for names and versions of the referenced documents throughout the Device User Guide.
Table 0-2 Document References
User Guide
Version
Document Order Number
HCS12_V1.5 Core User Guide
1.2
HCS12COREUG
Clock and Reset Generator (CRG) Block User Guide
V03
S12CRGV3/D
Enhanced Capture Timer 16 Bit 8 Channel (ECT_16B8C) Block User Guide
V01
S12ECT16B8CV1/D
Analog to Digital Converter 10 Bit 8 Channel (ATD_10B8C) Block User Guide
V02
S12ATD10B8CV2/D
Inter IC Bus (IIC) Block User Guide
V02
S12IICV2/D
Asynchronous Serial Interface (SCI) Block User Guide
V02
S12SCIV2/D
Serial Peripheral Interface (SPI) Block User Guide
V02
S12SPIV2/D
Pulse Width Modulator 8 Bit 8 Channel (PWM_8B8C) Block User Guide
V01
S12PWM8B8CV1/D
128K Byte Flash (FTS128K) Block User Guide
V01
S12FTS128KV1/D
2K Byte EEPROM (EETS2K) Block User Guide
V01
S12EETS2KV1/D
Byte Level Data Link Controller -J1850 (BDLC) Block User Guide
V01
S12BDLCV1/D
Motorola Scalable CAN (MSCAN) Block User Guide
V02
S12MSCANV2/D
Voltage Regulator (VREG) Block User Guide
V01
S12VREGV1/D
Port Integration Module (PIM_9DT128) Block User Guide
V01
S12PIMDT128V1/D
Byteflight (BF) Block User Guide
V01
S12BFV1/D
MC9S12 DJ128B C FU
Package Option
Temperature Option
Device Title
Controller Family
Temperature Options
C = -40˚C to
85˚C
V = -40˚C to 105˚C
M = -40˚C to 125˚C
Package Options
FU =
80QFP
PV = 112LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com