Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 76 Page - Motorola, Inc

Part # HCS12COREUG
Description  MC9S12DT128B
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12COREUG Datasheet(HTML) 76 Page - Motorola, Inc

Back Button HCS12COREUG Datasheet HTML 72Page - Motorola, Inc HCS12COREUG Datasheet HTML 73Page - Motorola, Inc HCS12COREUG Datasheet HTML 74Page - Motorola, Inc HCS12COREUG Datasheet HTML 75Page - Motorola, Inc HCS12COREUG Datasheet HTML 76Page - Motorola, Inc HCS12COREUG Datasheet HTML 77Page - Motorola, Inc HCS12COREUG Datasheet HTML 78Page - Motorola, Inc HCS12COREUG Datasheet HTML 79Page - Motorola, Inc HCS12COREUG Datasheet HTML 80Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 124 page
background image
MC9S12DT128B Device User Guide — V01.07
76
Description
There are two Serial Communications Interfaces (SCI1 and SCI0) implemented on theMC9S12DT128B
device. Consult the SCI Block User Guide for information about each Serial Communications Interface
module.
Section 12 Serial Peripheral Interface (SPI) Block
Description
There are two Serial Peripheral Interfaces (SPI1 and SPI0) implemented on MC9S12DT128B. Consult the
SPI Block User Guide for information about each Serial Peripheral Interface module.
Section 13 J1850 (BDLC) Block Description
Consult the BDLC Block User Guide for information about the J1850 module.
Section 14 Byteflight (BF) Block Description
Consult the BF Block User Guide for information about the 10 Mbps Byteflight module.
Section 15 Pulse Width Modulator (PWM) Block
Description
Consult the PWM_8B8C Block User Guide for information about the Pulse Width Modulator module.
When the PWM_8B8C Block User Guide refers to freeze mode this is equivalent to active BDM mode.
Section 16 Flash EEPROM 128K Block Description
Consult the FTS128K Block User Guide for information about the flash module.
Section 17 EEPROM 2K Block Description
Consult the EETS2K Block User Guide for information about the EEPROM module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com