Electronic Components Datasheet Search
  English  ▼

X  

BUF802 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BUF802
Description  BUF802 Wide-Bandwidth, 2.3 nV/?숰z, JFET Input Buffer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF802 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BUF802 Datasheet HTML 9Page - Texas Instruments BUF802 Datasheet HTML 10Page - Texas Instruments BUF802 Datasheet HTML 11Page - Texas Instruments BUF802 Datasheet HTML 12Page - Texas Instruments BUF802 Datasheet HTML 13Page - Texas Instruments BUF802 Datasheet HTML 14Page - Texas Instruments BUF802 Datasheet HTML 15Page - Texas Instruments BUF802 Datasheet HTML 16Page - Texas Instruments BUF802 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
6.7 Typical Characteristics (continued)
At TA = 25°C, VS = ±6 V, RL = 100 Ω || 400 fF, RS = 25 Ω, VOCM = 0 V (mid-supply), VOUT = 1 VPP, CLH and CLL tied to VS+
and VS- respectively, Wide Bandwidth Mode unless otherwise specified (R_Bias = 17.8 kΩ).
Time (500 ps/div)
-4
-3
-2
-1
0
1
2
3
4
Input
Output, VCLH/VCLL =  2 V
.
Figure 6-31. Transient Clamp Response
Clamp Voltage Error (%)
-4
-3
-2
-1
0
1
2
3
4
5k
10k
15k
20k
0
.
Figure 6-32. Clamp Voltage Error Histogram
www.ti.com
BUF802
SBOS998A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: BUF802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com