Electronic Components Datasheet Search
  English  ▼

X  

BUF802 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # BUF802
Description  BUF802 Wide-Bandwidth, 2.3 nV/?숰z, JFET Input Buffer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF802 Datasheet(HTML) 20 Page - Texas Instruments

Back Button BUF802 Datasheet HTML 16Page - Texas Instruments BUF802 Datasheet HTML 17Page - Texas Instruments BUF802 Datasheet HTML 18Page - Texas Instruments BUF802 Datasheet HTML 19Page - Texas Instruments BUF802 Datasheet HTML 20Page - Texas Instruments BUF802 Datasheet HTML 21Page - Texas Instruments BUF802 Datasheet HTML 22Page - Texas Instruments BUF802 Datasheet HTML 23Page - Texas Instruments BUF802 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
8.4.1 Buffer Mode (BF Mode)
VS+
OUT
VS-
VSO-
VSO+
IN
CLH
I1
R_Bias
Figure 8-10. Internal Schematic – BF Mode
The wide large-signal bandwidth and fast slew rate of the BUF802 coupled with Hi-Z input are useful in a
variety of high-frequency signal chain applications. As shown in Figure 8-10 the BUF802 uses the Main Path
and operates the JFET and transistors as source follower and emitter followers to reproduce signal applied on
IN, at the output of BUF802. The pins associated with only CL Mode (Pin No. 6, 4, and 3) are left floating while
operating in BF Mode.
800
:
200 k
:
C1pF
C2
1M
:
R2
R3
Rx
Ry
Ÿ
BUF802
+ 6V
- 6V
+
-
+
-
Precision
Amp
k
+ 6V
- 6V
1k
1k
VZ = 2V
VZ = -2V
CLH
CLL
IN
OUT
R1
Input
Figure 8-11. Composite Loop Using BF Mode
Figure 8-11 shows how the BUF802 can also be used in a composite loop while being operated in BF Mode.
The operation of BUF802 in Figure 8-11 would still be called BF Mode since the signal is being transferred
through the Main Path only. The Auxiliary path and the pins associated with the Auxiliary path and CL Mode are
kept disabled. The low-frequency and high-frequency signal components are combined externally through the
discrete components R1 and C1 prior to being applied at the IN pin.
BUF802
SBOS998A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BUF802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com