Electronic Components Datasheet Search
  English  ▼

X  

BUF802 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BUF802
Description  BUF802 Wide-Bandwidth, 2.3 nV/?숰z, JFET Input Buffer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF802 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BUF802 Datasheet HTML 12Page - Texas Instruments BUF802 Datasheet HTML 13Page - Texas Instruments BUF802 Datasheet HTML 14Page - Texas Instruments BUF802 Datasheet HTML 15Page - Texas Instruments BUF802 Datasheet HTML 16Page - Texas Instruments BUF802 Datasheet HTML 17Page - Texas Instruments BUF802 Datasheet HTML 18Page - Texas Instruments BUF802 Datasheet HTML 19Page - Texas Instruments BUF802 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
8.3 Feature Description
8.3.1 Input and Output Over-Voltage Clamp
CLH
CLL
IN
OUT
Clamp
diode
JFET
+6 V
±
V
+
±
+
±
+
±
D1
D2
Q1
Q2
Input clamp
circuit
Output clamp
circuit
Output
pre-driver
+
clamp
1 k
1 k
1 k
1 k
1 …F
1 …F
V
Z = 2 V
VZ = ± V
Figure 8-2. Internal Input and Output Over-Voltage Clamp
The BUF802 device integrates an input and output clamp circuit. The input clamp protects the BUF802 from
large input transients and the output clamp protects the subsequent stages from being overdriven.
• Input Clamp Circuit:
– Figure 8-2 shows the input of the BUF802 tied to pins CLH and VS- through two internal clamp diodes, D1
and D2. The diodes are rated for 100 mA of continuous current but can withstand much higher transient
currents. If the JFET input voltage exceeds the voltage at CLH or VS-, the diodes get forward biased,
clamping the JFET to CLH and VS-. A 1 μF capacitor connected in parallel to the zener diode, helps in
transient absorption travelling through the D1 diode.
– Figure 8-3 shows how the external clamping diodes can be used in cases where the 100 mA current rating
of D1 and D2 is insufficient. When using external clamping, disable the internal protection of the BUF802
by connecting CLH and CLL to VS+ and VS-.
BUF802
SBOS998A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: BUF802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com