Electronic Components Datasheet Search
  English  ▼

X  

BUF802 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BUF802
Description  BUF802 Wide-Bandwidth, 2.3 nV/?숰z, JFET Input Buffer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF802 Datasheet(HTML) 21 Page - Texas Instruments

Back Button BUF802 Datasheet HTML 17Page - Texas Instruments BUF802 Datasheet HTML 18Page - Texas Instruments BUF802 Datasheet HTML 19Page - Texas Instruments BUF802 Datasheet HTML 20Page - Texas Instruments BUF802 Datasheet HTML 21Page - Texas Instruments BUF802 Datasheet HTML 22Page - Texas Instruments BUF802 Datasheet HTML 23Page - Texas Instruments BUF802 Datasheet HTML 24Page - Texas Instruments BUF802 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
8.4.2 Composite Loop Mode (CL Mode)
100 k
Ra
Rb
VS+
Aux_Bias
VS-
IN
In_Bias
JFET
I2
I1
RHF
In_Aux
10M
+
-
Precision
Amp
OUT
Signal_In
Q1
Diamond
Buffer
GAUX ( Auxiliary Path )
VS+
G ( Main Path )
330 pF
network
β network
Figure 8-12. Internal Schematic – CL Mode
Frequency (Hz)
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
3
6
9
1
10
100
1k
10k 100k 1M
10M 100M 1G
10G
Cross-Over
Frequency
Region
D004
High Frequency Region
Low Frequency Region
Figure 8-13. CL Mode Frequency Response
The 330 pF input series capacitor shown in Figure 8-12 splits the input signal into a low-frequency and high-
frequency component. These signals are applied to In_Aux and IN respectively. The IN pin controls the output of
BUF802 through the Main Path, whereas the In_Aux pin controls the output through the Auxiliary Path.
The transfer function of the composite loop in CL Mode can be split into the following 3 frequency regions:
1. Low Frequency Region: The gain of the composite loop in the low-frequency region is α/β (determined by
α and β network). In the low-frequency region the 330 pF input capacitor presents a high-impedance in the
Main Path, causing the signal to flow through the precision amplifier and the In_Aux pin. This region spans
from DC to fLF. fLF is the pole resulting from the gain bandwidth of the precision amplifier, the Auxiliary Path
bandwidth, and parasitic capacitance of the components along the path.
2. High Frequency Region: In the high-frequency region, the precision amplifier and the Auxiliary Path run out
of bandwidth. The net gain of the composite loop in this region is determined solely by the Main Path gain
of the BUF802, which is denoted by G. This region spans from the pole created at fHF till the LSBW of the
BUF802. The fHF is the pole resulting from the 330 pF series capacitor and the 10 MΩ resistor on the In_Bias
pin.
3. Cross-over Frequency Region: the Main Path and Auxiliary Path work in conjunction to determine the gain
in the crossover region. To maintain a flat frequency response in this region, the following conditions have to
be met:
a. α/β = G
b. High frequency response pole fHF<< Low frequency pole fLF
A detailed analysis of discrete component selection to achieve a flat frequency response is discussed further
in the Section 9.1.
www.ti.com
BUF802
SBOS998A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: BUF802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com