Electronic Components Datasheet Search
  English  ▼

X  

BUF802 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # BUF802
Description  BUF802 Wide-Bandwidth, 2.3 nV/?숰z, JFET Input Buffer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF802 Datasheet(HTML) 23 Page - Texas Instruments

Back Button BUF802 Datasheet HTML 19Page - Texas Instruments BUF802 Datasheet HTML 20Page - Texas Instruments BUF802 Datasheet HTML 21Page - Texas Instruments BUF802 Datasheet HTML 22Page - Texas Instruments BUF802 Datasheet HTML 23Page - Texas Instruments BUF802 Datasheet HTML 24Page - Texas Instruments BUF802 Datasheet HTML 25Page - Texas Instruments BUF802 Datasheet HTML 26Page - Texas Instruments BUF802 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
9.2.1.2 Detailed Design Procedure
R 2 800 k
R 1 200 k
CF 56 pF
R 2 80 k
RPOT
50
+ 6 V
–6 V
+
–
Precision
Amp
+6 V
–
V
1 k
1 k
VZ = 2 V
VZ = –2 V
CLH
CLL
IN
OUT
R_Bias
2 k
100 pF
In_Bias
In_Aux
Aux_Bias
10 M
1 F
Input
17.8 k
6.8 nH
330 pF
30
Figure 9-2. Front-End Detailed Schematic: CL Mode
The JFET-input stage of the BUF802 offers G-Ω of input impedance and can therefore be terminated with an
external 1 MΩ resistor without affecting performance. A 50 Ω termination can also be switched in offering proper
termination for high-frequency signals. The BUF802 therefore enables the designer to use both 1 MΩ and 50 Ω
termination in the same signal chain. To achieve 1 GHz of bandwidth, connect a 17.8 kΩ resistor between the
R_Bias and VS- pins.
The specified input referred noise of the BUF802, as shown in Section 6.5, is 2.3 nV/√Hz. The total input referred
noise in a bandwidth of 1 GHz is given by the equation:
En_rms = 2.3 nV/√Hz × √ (1 GHz) = 72 µVrms.
(1)
Detailed calculations can be found on TI Precision Labs – Op Amps: Noise – Spectral Density.
Assuming the oscilloscope has 8 divisions on the screen and and a minimum resolution of 1 mV, the full-scale
reading is 8 mVPP or 2.82 mVrms. Thus the SNR of the BUF802 in the lowest-resolution setting is therefore:
20 × Log (2.82 mVrms / 72 µVrms) = 31.8 dB.
(2)
The parasitic input capacitance of BUF802 (IN) is 2.4 pF. At 1 GHz this parasitic capacitance reduces down to an
impedance of 66.3 Ω. Thus the net input impedance as seen by the signal shall be 66.3 Ω || 50 Ω = 28.5 Ω. This
results in an imperfect termination for the 50 Ω source resulting in poor S11.
Addition of a 30 Ω resistance in series with the input trace and a 6.8 nH inductor in series with the on board 50 Ω
termination helps isolate the input parasitic capacitance as well as ensure the net input impedance is maintained
at 50 Ω.
BUF802
+ 6V
OUT
- 6V
2.4 pF
30
50
Input
6.8 nH
Figure 9-3. Net Input Impedance
www.ti.com
BUF802
SBOS998A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: BUF802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com