Electronic Components Datasheet Search
  English  ▼

X  

VSC8131 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC8131
Description  2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8131 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC8131 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 7
11/9/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8131
2.488 Gbit/sec
32:1 SONET/SDH Mux with Clock Generator
G52249-0, Rev. 3.0
DC Characteristics
Table 2: VSC8131 Multiplexer DC Characteristics (Over recommended operating conditions)
Parameters
Description
Min
Typ
Max
Units
Conditions
VOH(DO)
Output HIGH voltage (DO)
VCC-0.050
—VCC
V
50 Ohm Termination
to VCC
VOL(DO)
Output LOW voltage (DO)
VCC-1.20
—
VCC-0.60
V
50 Ohm Termination
to VCC
∆V
OD(DO)
Output differential voltage
(DO)
550
850
1200
mV
100 Ohm
Termination between
DO
+ at Load
VCM(DO)
Output common mode voltage
2.10
-
3.00
V
100 Ohm
Termination between
DO
+ at Load
VOH(CO)
Output HIGH voltage (CO)
VCC-0.050
—
VCC
V
50 Ohm Termination
to VCC
VOL(CO)
Output LOW voltage (CO)
VCC-1.20
—
VCC-0.60
V
50 Ohm Termination
to VCC
∆V
OD(CO)
Output differential voltage
(CO)
500
850
1200
mV
100 Ohm
Termination between
CO
+ at Load
VCM(CO)
Output common mode voltage
2.10
-
3.00
V
100 Ohm
Termination between
CO
+ at Load
RO
Back Termination Impedance
(DO, CO)
40
60
Ohm
Guaranteed, not
tested
VIH
Input HIGH voltage
(LVPECL)
1.5
-
VCC-1.0v
V
VIL
Input LOW voltage (LVPECL)
0
-
-
V
∆V
IN
Differential Input voltage
(LVPECL)
400
1600
mV
VICM
Input Common Mode Range
(LVPECL)
1.5-
∆V
IN/2
VCC-1.0-
∆V
IN/2
V
VOH
Output HIGH voltage (TTL)
2.4
V
IOH=-4.0 mA
VOL
Output LOW voltage (TTL)
0.5
V
IOL=+4.0 mA
VIH
Input HIGH voltage (TTL)
2.0
5.5
V
VIL
Input LOW voltage (TTL)
0.0
0.8
V
IIH
Input HIGH Current (TTL)
500
uA
VIN=2.4V
IIL
Input LOW Current (TTL)
-500
uA
VIN=0.5V
VCC
Supply voltage
3.14
—
3.47
V
3.3V
+ 5%
PD
Power dissipation
—
1.7
2.15
W
Outputs open,
VCC = VCC max
ICC
Supply Current
—495
620
mA
Outputs open,
VCC = VCC max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com