Electronic Components Datasheet Search
  English  ▼

X  

VSC8131 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC8131
Description  2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8131 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC8131 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8131
2.488 Gbit/sec
32:1 SONET/SDH Mux with Clock Generator
Page 8
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
11/9/99
G52249-0, Rev. 3.0
Clock Multiplier Unit
Table 3: VSC8131 CMU Performance
Absolute Maximum Ratings (1)
Power Supply Voltage, (VCC)....................................................................................................... -0.5V to +3.8V
DC Input Voltage (Differential inputs) ................................................................................. -0.5V to VCC +0.5V
DC Input Voltage (TTL inputs) .................................................................................................... -0.5V to +5.5V
DC Output Voltage (TTL Outputs)...................................................................................... -0.5V to VCC + 0.5V
Output Current (TTL Outputs) .............................................................................................................. +/-50mA
Output Current (Differential Outputs) ....................................................................................................+/-50mA
Case Temperature Under Bias ...................................................................................................... -55o to +125oC
Recommended Operating Conditions
Power Supply Voltage, (VCC)..............................................................................................................+3.3V+5%
Operating Temperature Range ...........................................................0oC Ambient to +85oC Case Temperature
Notes:
(1) CAUTION: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing per-
manent damage. Functionality at or above the values listed is not implied. Exposure to these values for extended periods may
affect device reliability.
ESD Ratings
Proper ESD procedures should be used when handling this product. The VSC8131 is rated to 1500V based on
the human body model.
Parameters
Description
Min
Max
Units
Conditions
TJ
Output Clock and Data Jitter
—4
ps.
RMS, tested to SONET
specification with 2ps RMS jitter
on REFCLK
LBW
PLL Loop Bandwidth
2.0
MHz
-3dB point of jitter transfer curve
PeakJ
Jitter Peaking
0.1
dB
REFCLK to DO
Tuning Range
-100
+100
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com