Electronic Components Datasheet Search
  English  ▼

X  

VSC8131 Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # VSC8131
Description  2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8131 Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC8131 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 16Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8131
2.488 Gbit/sec
32:1 SONET/SDH Mux with Clock Generator
Page 12
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
11/9/99
G52249-0, Rev. 3.0
D22
74
I
TTL
parallel data
VCC
75
PWR
+3.3V
D21
76
I
TTL
parallel data
D20
77
I
TTL
parallel data
VEE
78
PWR
GND
D19
79
I
TTL
parallel data
D18
80
I
TTL
parallel data
VCC
81
PWR
+3.3V
D17
82
I
TTL
parallel data
D16
83
I
TTL
parallel data
VCC
84
PWR
+3.3V
D15
85
I
TTL
parallel data
D14
86
I
TTL
parallel data
VEE
87
PWR
GND
D13
88
I
TTL
parallel data
D12
89
I
TTL
parallel data
VCC
90
PWR
+3.3V
D11
91
I
TTL
parallel data
D10
92
I
TTL
parallel data
VCC
93
PWR
+3.3V
D9
94
I
TTL
parallel data
D8
95
I
TTL
parallel data
VEE
96
PWR
GND
D7
97
I
TTL
parallel data
D6
98
I
TTL
parallel data
VCC
99
PWR
+3.3V
D5
100
I
TTL
parallel data
D4
101
I
TTL
parallel data
VCC
102
PWR
+3.3V
VCC
103
PWR
+3.3V
NC
104
-
-
Leave Unconnected
D3
105
I
TTL
parallel data
D2
106
I
TTL
parallel data
VCC
107
PWR
+3.3V
D1
108
I
TTL
parallel data
D0
109
I
TTL
parallel data
(MSB)
VEE
110
PWR
GND
Table 4: Package Pin Identification
Signal
Pin
I/O
Level
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com