Electronic Components Datasheet Search
  English  ▼

X  

VSC8131 Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC8131
Description  2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8131 Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC8131 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 15Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 11
11/9/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8131
2.488 Gbit/sec
32:1 SONET/SDH Mux with Clock Generator
G52249-0, Rev. 3.0
NC
37
-
-
Leave Unconnected
NC
38
-
-
Leave Unconnected
VCC
39
PWR
+3.3V
VEE
40
PWR
GND
NC
41
-
-
Leave Unconnected
VEE
42
PWR
GND
VCC
43
PWR
+3.3V
NC
44
-
-
Leave Unconnected
NC
45
-
-
Leave Unconnected
NC
46
-
-
Leave Unconnected
NC
47
-
-
Leave Unconnected
NC
48
-
-
Leave Unconnected
LOL
49
O
TTL
CMU loss of lock
VCC
50
PWR
+3.3V
VEE
51
PWR
GND
PARERR
52
O
TTL
parity error
CK78OUT
53
O
TTL
divide-by-32 clock out
VCC
54
PWR
+3.3V
CK78IN
55
I
TTL
divide-by-32 clock in
NC
56
-
-
Leave Unconnected
VEE
57
PWR
GND
D31
58
I
TTL
parallel data
(LSB)
D30
59
I
TTL
parallel data
VCC
60
PWR
+3.3V
D29
61
I
TTL
parallel data
D28
62
I
TTL
parallel data
NC
63
-
-
Leave Unconnected
VCC
64
PWR
+3.3V
NC
65
-
-
Leave Unconnected
VCC
66
PWR
+3.3V
D27
67
I
TTL
parallel data
D26
68
I
TTL
parallel data
VEE
69
PWR
GND
D25
70
I
TTL
parallel data
D24
71
I
TTL
parallel data
VCC
72
PWR
+3.3V
D23
73
I
TTL
parallel data
Table 4: Package Pin Identification
Signal
Pin
I/O
Level
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com